Electronic Components Datasheet Search
  English  ▼

X  

ADF4206 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4206
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4206 Datasheet HTML 16Page - Analog Devices ADF4206 Datasheet HTML 17Page - Analog Devices ADF4206 Datasheet HTML 18Page - Analog Devices ADF4206 Datasheet HTML 19Page - Analog Devices ADF4206 Datasheet HTML 20Page - Analog Devices ADF4206 Datasheet HTML 21Page - Analog Devices ADF4206 Datasheet HTML 22Page - Analog Devices ADF4206 Datasheet HTML 23Page - Analog Devices ADF4206 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 20 of 24
APPLICATIONS SECTION
LOCAL OSCILLATOR FOR GSM HANDSET
RECEIVER
Figure 33 shows the ADF4208 used in a classic superheterodyne
receiver to provide the required local oscillators (LOs).
In this circuit, the reference input signal is applied to the circuit
at OSCIN and is generated by a 10 MHz crystal oscillator. This is
a low cost solution. For better performance over temperature, a
TCXO (temperature controlled crystal oscillator) can be used
instead.
To have a channel spacing of 200 kHz (the GSM standard),
the reference input must be divided by 50 using the on-chip
reference counter.
The RF output frequency range is 1050 MHz to 1086 MHz. Loop
filter component values are chosen so that the loop bandwidth is
20 kHz. The synthesizer is set up for a charge pump current of
4.375 mA and the VCO sensitivity is 15.6 MHz/V.
The IF output is fixed at 125 MHz. The IF loop bandwidth is
chosen to be 20 kHz with a channel spacing of 200 kHz. Loop
filter component values are chosen accordingly.
OSCOUT
MUXOUT
ADF4208
VP2
VDD2 VDD1VP1
CPRF1
RF2IN
RF1IN
OSCIN
CLK
DATA
LE
DECOUPLING CAPACITORS (22µF/10pF) ON VDD, VP OF
THE ADF4208, AND ON VCC OF THE VCOs HAVE BEEN
OMITTED FROM THE DIAGRAM TO AID CLARITY.
VCO190-125T
VCC
CPRF2
VCC
100pF
18Ω
18Ω
18Ω
100pF
IFOUT
100pF
51Ω
30pF
10MHz
18kΩ
1.3nF
13nF
2.7kΩ
620pF
3.3kΩ
VP
VDD
VP
100pF
18Ω
RFOUT
100pF 18Ω
18Ω
100pF
51Ω
LOCK DETECT
30pF
VCO190-1068U
Figure 32. GSM Handset Receiver Local Oscillator Using the ADF4208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com