Electronic Components Datasheet Search
  English  ▼

X  

ADF4208 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 4 Page - Analog Devices

  ADF4208 Datasheet HTML 1Page - Analog Devices ADF4208 Datasheet HTML 2Page - Analog Devices ADF4208 Datasheet HTML 3Page - Analog Devices ADF4208 Datasheet HTML 4Page - Analog Devices ADF4208 Datasheet HTML 5Page - Analog Devices ADF4208 Datasheet HTML 6Page - Analog Devices ADF4208 Datasheet HTML 7Page - Analog Devices ADF4208 Datasheet HTML 8Page - Analog Devices ADF4208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 4 of 24
Parameter
B Version1
B Chips2
Unit
Test Conditions/Comments
POWER SUPPLIES
VDD1
2.7/5.5
2.7/5.5
V min/V max
VDD2
VDD1
VDD1
VP
VDD1/6.0
VDD1/6.0
V min/V max
VDD1, VDD2 ≤ VP1, VP2 ≤ 6.0 V
IDD (IDD1 + IDD2)6
ADF4206
14
14
mA max
9.5 mA typical at VDD = 3 V, TA = 25°C
ADF4208
21
21
mA max
14 mA typical at VDD = 3 V, TA = 25°C
IDD1
ADF4206
8
8
mA max
5.5 mA typical at VDD = 3 V, TA = 25°C
ADF4208
14
14
mA max
9 mA typical at VDD = 3 V, TA = 25°C
IDD2
ADF4206
7.5
7.5
mA max
5 mA typical at VDD = 3 V, TA = 25°C
ADF4208
9
9
mA max
5.5 mA typical at VDD = 3 V, TA = 25°C
IP (IP1 + IP2)
1
1
mA max
TA = 25°C
Low Power Sleep Mode
0.5
0.5
μA typ
NOISE CHARACTERISTICS
Normalized Phase Noise Floor
(RF1)7
ADF4206
−213
−213
dBc/Hz typ
ADF4208
−217
−217
dBc/Hz typ
Phase Noise Performance8
@ VCO output
ADF4206 (RF1, RF2)
−92
−92
dBc/Hz typ
@ 540 MHz output, 200 kHz at PFD
ADF4208 (RF1)
−85
−85
dBc/Hz typ
@ 1750 MHz output, 200 kHz at PFD
ADF4208 (RF1)
−91
−91
dBc/Hz typ
@ 900 MHz output, 200 kHz at PFD
Spurious Signals
RF1, RF2 (20 kHz Loop B/W)
−80/−84
−80/−84
dB typ
@ 200 kHz/400 kHz offsets and
200 kHz PFD
1 Operating temperature range for B version: −40°C to +85°C.
2 The B chip specifications are given as typical values.
3 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
4 AC coupling ensures AVDD/2 bias. VDD1 = VDD2 = 3 V; For VDD1 = VDD2 = 5 V, use CMOS-compatible levels.
5 Guaranteed by design. Sample tested to ensure compliance.
6 Typical values apply for VDD = 3 V; P = 32; RF1IN1/RF2IN2 for ADF4206 = 540 MHz; RF1IN1/RF2IN2 for ADF4208 = 900 MHz.
7 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider
value) and 10 log FPFD. PNSYNTH = PNTOT − 10 log FPFD − 20 log N.
8 The phase noise is measured at 1 kHz, unless otherwise noted. The phase noise is measured with the EVAL-ADF4206EB or the EVAL-ADF4208EB evaluation board and
the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for the synthesizer (fREFOUT = 10 MHz @ 0 dBm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com