Electronic Components Datasheet Search
  English  ▼

X  

ADF4208 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4208 Datasheet HTML 5Page - Analog Devices ADF4208 Datasheet HTML 6Page - Analog Devices ADF4208 Datasheet HTML 7Page - Analog Devices ADF4208 Datasheet HTML 8Page - Analog Devices ADF4208 Datasheet HTML 9Page - Analog Devices ADF4208 Datasheet HTML 10Page - Analog Devices ADF4208 Datasheet HTML 11Page - Analog Devices ADF4208 Datasheet HTML 12Page - Analog Devices ADF4208 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 9 of 24
FREQUENCY (Hz)
400k
–400k
–200k
900M
200k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 35kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–89.3dBc
REFERENCE LEVEL =
–4.2dBm
Figure 11. ADF4208 RF1 Reference Spurs (900 MHz, 200 kHz, 35 kHz)
FREQUENCY (Hz)
400
–400
–200
1750M
200
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 477ms
AVERAGES = 10
–75.2dBc/Hz
REFERENCE LEVEL =
–8.0dBm
Figure 12. ADF4208 RF1 Phase Noise (1750 MHz, 30 kHz, 3 kHz)
FREQUENCY OFFSET FROM 1750MHz CARRIER
–40
z
H
M
1
z
H
0
0
1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
1.6 rms
10dB/DIVISION
RL = –40dBc/Hz
Figure 13. ADF4208 RF1 Integrated Phase Noise (1750 MHz, 30 kHz, 3 kHz)
FREQUENCY (Hz)
80k
–400k
–200k
1750M
40k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 3Hz
VIDEO BANDWIDTH = 3Hz
SWEEP = 255 SECONDS
POSITIVE PEAK
DETECT MODE
–79.6dBc
REFERENCE LEVEL =
–5.7dBm
Figure 14. ADF4208 RF1 Reference Spurs (1750 MHz, 30 kHz, 3 kHz)
–120
–130
–140
–150
–160
–170
–180
1
100
1000
10000
10
PHASE DETECTOR FREQUENCY (kHz)
VDD = 3V
VP = 5V
ADF4206
ADF4208
Figure 15. ADF4208 RF1 Phase Noise vs. PFD Frequency
TEMPERATURE (°C)
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 3V
Figure 16. ADF4208 RF1 Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com