Electronic Components Datasheet Search
  English  ▼

X  

4155988 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4155988
Description  0.7kg Pull Button Magnet Thermocouple, PTFE Insulated with Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155988 Datasheet(HTML) 2 Page - Labfacility Ltd

  4155988 Datasheet HTML 1Page - Labfacility Ltd 4155988 Datasheet HTML 2Page - Labfacility Ltd 4155988 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-12
Nov-23
Specifications
General Description
Ideal for ferrous metal surface measurement
Thermocouple Type
K
Thermocouple
Junction
Grounded at tip
Magnet
1/2” diameter button type, 0.7kg Pull
Cable Length
1m, 2m
Cable Type
PTFE insulated twin-twist wires
Cable Termination
Miniature or Standard Fitted Plug
Max. Temperature
+250°C (plug 200°C)
Standards Met
IEC
Colour
Positive: Green / Negative: White
Ordering Information
Type
Cable
Length
Pull
Termination
Manufacturers Code
Farnell
Order Code
K
1m
0.7 kg Pull
Miniature Plug
BMS-K-1M-MP (0.7kg Pull)
4073492
K
2m
0.7 kg Pull
Miniature Plug
BMS-K-2M-MP (0.7kg Pull)
4155986
K
1m
0.7 kg Pull
Standard Plug
BMS-K-1M-SP (0.7kg Pull)
4155987
K
2m
0.7 kg Pull
Standard Plug
BMS-K-2M-SP (0.7kg Pull)
4155988



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com