Electronic Components Datasheet Search
  English  ▼

X  

4155988 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4155988
Description  0.7kg Pull Button Magnet Thermocouple, PTFE Insulated with Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155988 Datasheet(HTML) 1 Page - Labfacility Ltd

  4155988 Datasheet HTML 1Page - Labfacility Ltd 4155988 Datasheet HTML 2Page - Labfacility Ltd 4155988 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
0.7kg Pull Button Magnet Thermocouple, PTFE
Insulated with Miniature or Standard Plug - IEC


Similar Part No. - 4155988

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4155980 LABFACILITY-4155980 Datasheet
683Kb / 3P
0.7kg Pull Button Magnet Thermocouple, PFA Insulated with Miniature Plug - ANSI
Nov-23
4155982 LABFACILITY-4155982 Datasheet
707Kb / 3P
1.9kg Pull Button Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
Nov-23
4155983 LABFACILITY-4155983 Datasheet
707Kb / 3P
1.9kg Pull Button Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
Nov-23
4155984 LABFACILITY-4155984 Datasheet
707Kb / 3P
1.9kg Pull Button Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
Nov-23
4155985 LABFACILITY-4155985 Datasheet
707Kb / 3P
1.9kg Pull Button Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
Nov-23
More results

Similar Description - 4155988

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0204 PIC-PIC-M0204 Datasheet
20Kb / 1P
NdFeB Miniature Magnet
PIC-M0302D PIC-PIC-M0302D Datasheet
20Kb / 1P
SmCo Miniature Magnet
PIC-M0304 PIC-PIC-M0304 Datasheet
20Kb / 1P
NdFeB Miniature Magnet
PIC-M0306 PIC-PIC-M0306 Datasheet
20Kb / 1P
NdFeB Miniature Magnet
PIC-M0504 PIC-PIC-M0504 Datasheet
20Kb / 1P
SmCo Miniature Magnet
PIC-M020202 PIC-PIC-M020202 Datasheet
20Kb / 1P
NdFeB Miniature Magnet
PIC-M030301 PIC-PIC-M030301 Datasheet
20Kb / 1P
SmCo Miniature Magnet
logo
List of Unclassifed Man...
11322 ETC2-11322 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com