Electronic Components Datasheet Search
  English  ▼

X  

ADG5421 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices ADG5421 Datasheet HTML 14Page - Analog Devices ADG5421 Datasheet HTML 15Page - Analog Devices ADG5421 Datasheet HTML 16Page - Analog Devices ADG5421 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADG5421/ADG5423
Data Sheet
Figure 29. Channel-to-Channel Crosstalk
Figure 30. Switching Times, tON and tOFF
Figure 31. Charge Injection
Figure 32. Break-Before-Make Time Delay
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
Dx
S2
VOUT
NETWORK
ANALYZER
RL
50
Ω
R
50
Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VS
INx
Sx
Dx
GND
RL
300
Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG5421
ADG5423
VIN
VIN
VOUT
tON
tOFF
50%
50%
0.9VS
0.1VS
50%
50%
0V
VS
INx
VOUT
ADG5421
ADG5423
VIN
VIN
VOUT
OFF
ΔVOUT
ON
QINJ = CL × ΔVOUT
Sx
Dx
VDD
VSS
VDD
VSS
VS
RS
GND
CL
1nF
VS2
IN1,
IN2
S2
D2
VS1
S1
D1
GND
RL
300
Ω
CL
35pF
VOUT2
VOUT1
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VIN
VOUT1
VOUT2
ADG5423
tD
tD
50%
50%
80%
80%
80%
80%
0V
0V
0V
RL
300
Ω
CL
35pF
Rev. A | Page 14 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com