Electronic Components Datasheet Search
  English  ▼

X  

ADG5421 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices ADG5421 Datasheet HTML 14Page - Analog Devices ADG5421 Datasheet HTML 15Page - Analog Devices ADG5421 Datasheet HTML 16Page - Analog Devices ADG5421 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADG5421/ADG5423
TERMINOLOGY
IDD
IDD represents the positive supply current.
ISS
ISS represents the negative supply current.
VD, VS
VD and VS represent the analog voltage on Terminal D and
Terminal S, respectively.
RON
RON is the ohmic resistance between Terminal D and
Terminal S.
∆RON
∆RON represents the difference between the RON of any two
channels.
RFLAT(ON)
RFLAT(ON) represents the difference between the maximum and
minimum value of on resistance as measured over the specified
analog signal range.
IS (Off)
IS (Off) is the source leakage current with the switch off.
ID (Off)
ID (Off) is the drain leakage current with the switch off.
ID (On), IS (On)
ID (On) and IS (On) represent the channel leakage currents with
the switch on.
VINL
VINL is the maximum input voltage for Logic 0.
VINH
VINH is the minimum input voltage for Logic 1.
IINL, IINH
IINL and IINH represent the low and high input currents of the
digital inputs.
CD (Off)
CD (Off) represents the off switch drain capacitance, which is
measured with reference to ground.
CS (Off)
CS (Off) represents the off switch source capacitance, which is
measured with reference to ground.
CD (On), CS (On)
CD (On) and CS (On) represent on switch capacitances, which
are measured with reference to ground.
CIN
CIN represents digital input capacitance.
tON
tON represents the delay time between the 50% and 90% points
of the digital input and switch on condition.
tOFF
tOFF represents the delay time between the 50% and 90% points
of the digital input and switch off condition.
tD
tD represents the off time measured between the 80% point of
both switches when switching from one address state to another.
Off Isolation
Off isolation is a measure of unwanted signal coupling through
an off channel.
Charge Injection
Charge injection is a measure of the glitch impulse transferred
from the digital input to the analog output during switching.
Crosstalk
Crosstalk is a measure of unwanted signal that is coupled
through from one channel to another as a result of parasitic
capacitance.
Bandwidth
Bandwidth is the frequency at which the output is attenuated
by 3 dB from its dc level.
Total Harmonic Distortion + Noise (THD + N)
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental is represented by THD + N.
Rev. A | Page 15 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com