Electronic Components Datasheet Search
  English  ▼

X  

ADM8316 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8316
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8316 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8316 Datasheet HTML 2Page - Analog Devices ADM8316 Datasheet HTML 3Page - Analog Devices ADM8316 Datasheet HTML 4Page - Analog Devices ADM8316 Datasheet HTML 5Page - Analog Devices ADM8316 Datasheet HTML 6Page - Analog Devices ADM8316 Datasheet HTML 7Page - Analog Devices ADM8316 Datasheet HTML 8Page - Analog Devices ADM8316 Datasheet HTML 9Page - Analog Devices ADM8316 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. C | Page 6 of 15
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. ADM8316/ADM8320 Pin Configuration
Table 3. ADM8316/ADM8320 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low Reset Output. Asserted whenever VCC is below the reset threshold, VTH. This pin is a push-pull
output stage for the ADM8316 and an open-drain output stage for the ADM8320.
2
GND
Ground.
3
MR
Manual Reset Input. This is an active low input that, when forced low for greater than the glitch filter time,
generates a reset. It features a 75 kΩ internal pull-up resistor.
4
WDI
Watchdog Input. Generates a reset if the logic level on the pin remains low or high for the duration of the
watchdog timeout. The timer is cleared if a logic transition occurs on this pin or if a reset is generated. Leave
this pin floating to disable the watchdog timer.
5
VCC
Power Supply Voltage Being Monitored.
Figure 4. ADM8318/ADM8321 Pin Configuration
Table 4. ADM8318/ADM8321 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low Reset Output. Asserted whenever VCC is below the reset threshold, VTH. This pin is a push-pull
output stage for the ADM8318 and an open-drain output stage for the ADM8321.
2
GND
Ground.
3
RESET
Active High Push-Pull Reset Output.
4
WDI
Watchdog Input. Generates a reset if the logic level on the pin remains low or high for the duration of the
watchdog timeout. The timer is cleared if a logic transition occurs on this pin or if a reset is generated. Leave
this pin floating to disable the watchdog timer.
5
VCC
Power Supply Voltage Being Monitored.
Figure 5. ADM8319/ADM8322 Pin Configuration
Table 5. ADM8319/ADM8322 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active low Reset Output. Asserted whenever VCC is below the reset threshold, VTH. This pin is a push-pull
output stage for the ADM8319 and an open-drain output stage for the ADM8322.
2
GND
Ground.
3
RESET
Active High Push-Pull Reset Output.
4
MR
Manual Reset Input. This is an active low input that, when forced low for greater than the glitch filter time,
generates a reset. It features a 75 kΩ internal pull-up resistor.
5
VCC
Power Supply Voltage Being Monitored.
RESET
GND
MR
1
3
2
VCC
5
WDI
4
ADM8316/
ADM8320
TOP VIEW
(Not to Scale)
RESET
GND
RESET
1
3
2
VCC
5
WDI
4
ADM8318/
ADM8321
TOP VIEW
(Not to Scale)
MR
RESET
GND
RESET
1
3
2
VCC
5
4
ADM8319/
ADM8322
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com