Electronic Components Datasheet Search
  English  ▼

X  

ADM8316 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8316
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8316 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8316 Datasheet HTML 6Page - Analog Devices ADM8316 Datasheet HTML 7Page - Analog Devices ADM8316 Datasheet HTML 8Page - Analog Devices ADM8316 Datasheet HTML 9Page - Analog Devices ADM8316 Datasheet HTML 10Page - Analog Devices ADM8316 Datasheet HTML 11Page - Analog Devices ADM8316 Datasheet HTML 12Page - Analog Devices ADM8316 Datasheet HTML 13Page - Analog Devices ADM8316 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. C | Page 10 of 15
THEORY OF OPERATION
CIRCUIT DESCRIPTION
The ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/
ADM8322 provide microprocessor supply voltage supervision
by controlling the microprocessor reset input. Code execution
errors are avoided during power-up, power-down, and brownout
conditions by asserting a reset signal when the supply voltage
is below a preset threshold and by allowing supply voltage
stabilization with a fixed timeout reset delay after the supply
voltage rises above the threshold. In addition, problems with
microprocessor code execution can be monitored and corrected
with a watchdog timer (ADM8316/ADM8318/ADM8320/
ADM8321). If the user detects a problem with system operation, a
manual reset input is available (ADM8316/ADM8319/ADM8320/
ADM8322) to reset the microprocessor, for example, by means
of an external push-button switch.
PUSH-PULL RESET OUTPUT
The ADM8316 features an active low push-pull reset output,
whereas the ADM8321/ADM8322 have active high push-pull
reset outputs. The ADM8318/ADM8319 feature dual active low
and active high push-pull reset outputs. For active low and active
high outputs, the reset signal is guaranteed to be valid for VCC
down to 0.9 V.
The reset output is asserted when VCC is below the reset threshold
(VTH), when MR is driven low, or when WDI is not serviced
within the watchdog timeout period (tWD). The reset output
remains asserted for the duration of the reset active timeout
period (tRP) after VCC rises above the reset threshold, after MR
transitions from low to high, or after the watchdog timer times
out. Figure 20 illustrates the behavior of the reset outputs.
Figure 20. Reset Timing Diagram
OPEN-DRAIN RESET OUTPUT
The ADM8320/ADM8321/ADM8322 have an active low, open-
drain reset output. This output structure requires an external
pull-up resistor to connect the reset output to a voltage rail no
higher than VCC. A resistor that complies with the logic low and
logic high voltage level requirements of the microprocessor
while supplying input current and leakage paths on the RESET
line is recommended. A 10 kΩ resistor is adequate in most
situations.
MANUAL RESET INPUT
The ADM8316/ADM8319/ADM8320/ADM8322 feature a manual
reset input (MR), which when driven low, asserts the reset output.
When MR transitions from low to high, the reset remains asserted
for the duration of the reset active timeout period before
deasserting. The MR input has a 75 kΩ, internal pull-up resistor
so that the input is always high when unconnected. An external
push-button switch can be connected between MR and ground
so that the user can generate a reset. Debounce circuitry for this
purpose is integrated on chip. Noise immunity is provided on
the MR input, and fast, negative going transients of up to 100 ns
(typical) are ignored. A 0.1 µF capacitor between MR and ground
provides additional noise immunity.
WATCHDOG INPUT
The ADM8316/ADM8318/ADM8320/ADM8321 feature a
watchdog timer that monitors microprocessor activity. A timer
circuit is cleared with every low-to-high or high-to-low logic
transition on the watchdog input pin (WDI), which detects pulses
as short as 50 ns. If the timer counts through the preset watchdog
timeout period (tWD), a reset is asserted. The microprocessor is
required to toggle the WDI pin to avoid asserting the reset pin.
Failure of the microprocessor to toggle WDI within the timeout
period, therefore, indicates a code execution error, and the reset
pulse generated restarts the microprocessor in a known state.
As well as logic transitions on WDI, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
VCC or due to MR being pulled low. When a reset asserts, the
watchdog timer clears and does not begin counting again until
the reset deassserts. The watchdog timer can be disabled by
leaving WDI floating or by tristating the WDI driver.
Figure 21. Watchdog Timing Diagram
VCC
1V
VCC
0V
VCC
0V
VTH
VTH
0V
VCC
RESET
RESET
tRD
tRD
1V
tRP
tRP
VCC
1V
VCC
0V
VCC
0V
VTH
0V
VCC
WDI
RESET
tRP
tRP
tWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com