Electronic Components Datasheet Search
  English  ▼

X  

ADM8319 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8319
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8319 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM8319 Datasheet HTML 3Page - Analog Devices ADM8319 Datasheet HTML 4Page - Analog Devices ADM8319 Datasheet HTML 5Page - Analog Devices ADM8319 Datasheet HTML 6Page - Analog Devices ADM8319 Datasheet HTML 7Page - Analog Devices ADM8319 Datasheet HTML 8Page - Analog Devices ADM8319 Datasheet HTML 9Page - Analog Devices ADM8319 Datasheet HTML 10Page - Analog Devices ADM8319 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Rev. C | Page 7 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Supply Current (ICC) vs. Temperature
Figure 7. Supply Current (ICC) vs. Supply Voltage (VCC)
Figure 8. Normalized Reset Threshold vs. Temperature
Figure 9. VCC to Reset Delay vs. Temperature
Figure 10. Manual Reset to Reset Propagation Delay vs. Temperature
Figure 11. Normalized Reset Timeout vs. Temperature
0
1
2
3
4
5
6
7
8
9
11
10
12
13
14
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCC = 5.0V
VCC = 3.0V
VCC = 1.5V
0
2
4
6
8
10
12
VCC (V)
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 5.6
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE (°C)
VTH = 2.93V
VTH = 2.5V
VTH = 5V
–40
–20
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
TEMPERATURE (°C)
VTH = 2.93V
VTH = 2.5V
VTH = 5V
–40
–20
0
20
40
60
80
100
120
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com