Electronic Components Datasheet Search
  English  ▼

X  

ADM8319 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM8319
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8319 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM8319 Datasheet HTML 7Page - Analog Devices ADM8319 Datasheet HTML 8Page - Analog Devices ADM8319 Datasheet HTML 9Page - Analog Devices ADM8319 Datasheet HTML 10Page - Analog Devices ADM8319 Datasheet HTML 11Page - Analog Devices ADM8319 Datasheet HTML 12Page - Analog Devices ADM8319 Datasheet HTML 13Page - Analog Devices ADM8319 Datasheet HTML 14Page - Analog Devices ADM8319 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Rev. C | Page 11 of 15
APPLICATIONS INFORMATION
WATCHDOG INPUT CURRENT
To minimize the watchdog input current, leave WDI low for
the majority of the watchdog timeout period. When driven
high, WDI can draw as much as 100 µA. Pulsing WDI low to
high to low at a low duty cycle reduces the effect of the large
input current. When WDI is unconnected, a window comparator
disconnects the watchdog timer from the reset output circuitry
so that a reset is not asserted when the watchdog timer times out.
NEGATIVE GOING VCC TRANSIENTS
To avoid unnecessary resets caused by fast power supply transients,
the ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/
ADM8322 are equipped with glitch rejection circuitry. The typical
performance characteristic in Figure 13 plots VCC transient
duration vs. reset threshold overdrive. The curves show
combinations of reset threshold overdrive and duration for
which a reset is not generated for 5 V, 4.63 V, and 2.93 V reset
threshold devices. For example, with the 2.93 V threshold, a
transient that goes 100 mV below the threshold and lasts 80 µs
typically does not cause a reset, but if the transient is any larger
in reset threshold overdrive or duration, a reset generates. An
optional 0.1 µF bypass capacitor mounted near VCC provides
additional glitch rejection.
ENSURING RESET VALID TO VCC = 0 V
Both active low and active high reset outputs are guaranteed to
be valid for VCC as low as 0.9 V. However, by using an external
resistor with push-pull configured reset outputs, valid outputs
for VCC as low as 0 V are possible. For an active low reset output, a
resistor connected between RESET and ground pulls the output
low when it is unable to sink current. For an active high reset
output, a resistor connected between RESET and VCC pulls the
output high when it is unable to source current. Use a large
resistance, such as 100 kΩ, so that it does not overload the
reset output when VCC is greater than 0.9 V.
Figure 22. Ensuring Reset Valid to VCC = 0 V
WATCHDOG SOFTWARE CONSIDERATIONS
In implementing the microprocessor watchdog strobe code, quickly
switching WDI low to high and then high to low (minimizing WDI
high time) is desirable for current consumption reasons. However,
a more effective way of using the watchdog function can be
considered.
A low to high to low WDI pulse within a given subroutine
prevents the watchdog from timing out. However, if the sub-
routine becomes stuck in an infinite loop, the watchdog cannot
detect this because the subroutine continues to toggle WDI. A
more effective coding scheme for detecting this error involves
using a slightly longer watchdog timeout. In the program that
calls the subroutine, WDI is set high. The subroutine sets WDI
low when it is called. If the program executes without error, WDI
is toggled high and low with every loop of the program. If the
subroutine enters an infinite loop, WDI is kept low, the watchdog
times out, and the microprocessor is reset (see Figure 23).
Figure 23. Watchdog Flow Diagram
Figure 24. Typical Application Circuit
ADM8316/
ADM8318/
ADM8319
VCC
RESET
100k
Ω
ADM8318/
ADM8319/
ADM8321/
ADM8322
VCC
RESET
100
kΩ
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE
SET WDI
LOW
RETURN
INFINITE LOOP:
WATCHDOG
TIMES OUT
RESET
RESET
RESET
WDI
I/O
MR
ADM8316
VCC
MICROPROCESSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com