Electronic Components Datasheet Search
  English  ▼

X  

DF81 Datasheet(PDF) 2 Page - Schneider Electric

Part # DF81
Description  Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF81 Datasheet(HTML) 2 Page - Schneider Electric

  DF81 Datasheet HTML 1Page - Schneider Electric DF81 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 N.m - with screwdriver flat Ø 5.5 mm
Height
79.5 mm
Width
17.5 mm
Depth
61 mm
Net weight
0.042 kg
Quantity per set
Set of 12
Environment
Ambient air temperature for storage
-40…70 °C
Ambient air temperature for operation
-40…70 °C with derating above 20°C
Operating altitude
0...2000 m without derating
IP degree of protection
IP20
Pollution degree
3
Fire resistance
960 °C conforming to IEC 60695-2-1
Compatibility code
DF8
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com