Electronic Components Datasheet Search
  English  ▼

X  

DF81 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF81
Description  Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x32 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF81 Datasheet(HTML) 1 Page - Schneider Electric

  DF81 Datasheet HTML 1Page - Schneider Electric DF81 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product datasheet
Characteristics
DF81
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x32
mm
Main
Range
TeSys
Product name
TeSys DF
Product or component type
Fuse carrier
Device short name
DF8
Product compatibility
DF2BA fuse cartridge
DF2BN fuse cartridge
Poles description
1P
Fuse size
8.3 x 32 mm
Fuse type
, gG
, aM
Control type
Toggle padlockable
Utilisation category
AC-20B conforming to IEC 60947-3
[Ue] rated operational voltage
400 V AC
[Ie] rated operational current
25 A
[Ui] rated insulation voltage
690 V AC
[Uimp] rated impulse withstand voltage
6 kV
Overvoltage category
III
Short-circuit withstand
20 kA 400 V conforming to IEC 60947-3
Power dissipation in W
3 W maximum power dissipation by fuse
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
Product certifications
IEC
EAC
DNV-GL
Mounting support
35 mm symmetrical DIN rail
Mounting position
Vertical (tolerance: +/- 23°)
Connections - terminals
Screw clamp terminals 1 cable(s) 1…16 mm²rigid
Screw clamp terminals 2 cable(s) 1…6 mm²rigid
Screw clamp terminals 1 cable(s) 1…16 mm²flexible with or without
Screw clamp terminals 2 cable(s) 1…6 mm²flexible with or without
Tightening torque
2 N.m - with screwdriver PZ2
Apr 13, 2020
1


Similar Part No. - DF81

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF81N SCHNEIDER-DF81N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF81N SCHNEIDER-DF81N Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF81NV SCHNEIDER-DF81NV Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81NV SCHNEIDER-DF81NV Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF81NV SCHNEIDER-DF81NV_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
More results

Similar Description - DF81

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF83 SCHNEIDER-DF83 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF81V SCHNEIDER-DF81V Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81NV SCHNEIDER-DF81NV Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81N SCHNEIDER-DF81N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF141 SCHNEIDER-DF141_V01 Datasheet
117Kb / 3P
Fuse carrier TeSys DF, 1P 50A, fuse size 14x51 mm
May 30, 2022
DF221 SCHNEIDER-DF221_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm
May 30, 2022
DF81V SCHNEIDER-DF81V_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF81NV SCHNEIDER-DF81NV_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF81N SCHNEIDER-DF81N_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF82 SCHNEIDER-DF82_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com