Electronic Components Datasheet Search
  English  ▼

X  

MIK25 Datasheet(PDF) 5 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 5 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Catalog #
Description
Std Pk
Catalog #
Description
Std Pk
6H12 TSCU F
For flat mount block
Tubular Screw
50
J 12
Jumper
50
6H12 TSCU C
For channel mount block
Tubular Screw
50
MC
Mounting
Clamp
25
6H12 E F
For flat mount block
End Section
25
MPC-3 (3 ft channel)
MPC-6 (6 ft channel)
Channel
--
6H12 E C
For channel mount block
End Section
25
MS 2
Vinyl Marking
Strip - 1/2” x 2’
25
6H12 TSCU C
1/2” Sectional
Specifications:
•
600 volts AC/DC
•
24 circuits per foot
•
Base, white nylon - type 6/6 105°C
•
Tubular screw (TSCU) copper, tin plated;
Screw #1/4-28 steel, nickel plated
•
Wire range #4-#16 AWG copper, 70 amps
•
Torque 20 lb-in
•
UL recognized file no. XCFR2.E62806
•
CSA certified file no. LR19766
•
CE compliant
•
RoHS compliant
Flat Mount:
Channel Mount:
SPECIAL PRODUCTS
A = .91 + (.500 x E)
B = .37 + (.500 x E)
E = No. of Poles
.50
[12.7]
.50
[12.7]
.91
[23.1]
1.50
[38.1]
1.25
[31.8]
B
A
∅.18
[∅4.6]
SPECIAL PRODUCTS
.50
[12.7]
B
A
.50
[12.7]
1.50
[38.1]
1.50
[38.1]
1.56
[39.7]
1.21
[30.7]
A = .91 + (.500 x E)
B = .37 + (.500 x E)
E = No. of Poles
.21 X .34
(5.3 X 8.6)
SPECIAL PRODUCTS
SPECIAL PRODUCTS
WWW.MARATHONSP.COM
419-352-8441
92
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com