Electronic Components Datasheet Search
  English  ▼

X  

MIK25 Datasheet(PDF) 6 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 6 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
11/16” Sectional Midget Fuse Holder
Specifications:
•
600 volt, 30 amp
•
Tested and approved for 10,000 amp withstand rating
•
Base, white nylon - type 6/6 105oC
•
Connector box type
•
Accepts up to #10 AWG wire, either terminated or non-
terminated
•
Clip, copper alloy, tin plated
•
UL recognized file no. IZLT2.E35113
•
CSA certified file no. LR21455
•
CE compliant
•
RoHS compliant
Flat Mount:
L = 0.88 + (0.68 X N)
C = 0.48 + (0.68 X N)
N = No. of Poles
Channel Dimensions:
LCH = L + 2.25
6W30A1F with end piece (fuse not included)
SPECIAL PRODUCTS
13/32 x 1-1/2 FUSE
.34
[8.6]
.21
[5.3]
.17
[4.3]
1.95
[49.5]
1.70
[43.2]
2.00
[50.8]
2.00
[50.8]
2.80
[71.1]
2.03
[51.6]
.68
[17.4]
.40
[10.2]
.08
[2.0]
.88
[22.4]
"C"
"L"
1.00
[25.4]
Standard
Description
Std Pk
Wire Range Fuse Size
Fuses
6W30A1F
Flat Mount
10
#10-#14
AWG CU
STRANDED
13/32”
DIA
BY 1 1/2”
LONG
A13X-2, A25Z-2,
A60Q-2, A6Y-
2B, AGU, ATM,
ATQ, BAF, BAN,
BLF, BLN, BLS,
FLA, FLM, FLQ,
FNM, FNQ,
GFN, GGO, KLK,
KLKD, KLQ, KTK,
OTM, TRM
6W30A1C
Channel Mount
6WEF
End Piece (flat)
6WEC
End Piece (channel)
MC
Mounting Clamp
25
MPC-6
6 Foot Channel
---
MPC-3
3 Foot Channel
GR-2
1/8” Diameter X 2’ Long
Nylon Rod
PLEASE CALL OR VISIT OUR WEBSITE FOR MORE INFORMATION ON PRODUCTS AND PRICING
93
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com