Electronic Components Datasheet Search
  English  ▼

X  

ML22Q663 Datasheet(PDF) 17 Page - Rohm

Part # ML22Q663
Description  4- Channel Mixing Spee ch Synthesi s LSI with Built-in Flash M emory
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q663 Datasheet(HTML) 17 Page - Rohm

Back Button ML22Q663 Datasheet HTML 13Page - Rohm ML22Q663 Datasheet HTML 14Page - Rohm ML22Q663 Datasheet HTML 15Page - Rohm ML22Q663 Datasheet HTML 16Page - Rohm ML22Q663 Datasheet HTML 17Page - Rohm ML22Q663 Datasheet HTML 18Page - Rohm ML22Q663 Datasheet HTML 19Page - Rohm ML22Q663 Datasheet HTML 20Page - Rohm ML22Q663 Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
FEDL22Q66X-02
ML22Q66X
■ Function description
● I2C Interface (Slave)
This serial interface conforms to the I
2C bus specifications. It supports Fast modes and can transmit and receive data at
400kbit/s. The SCL and SDA pins are used to input various command data and to read the status. The slave addresses are set
by the SAD0 to 2 pins.
When I
2C is used, be sure to connect a pull-up resistor between SCL and SDA pins and DV
DD pin.
In the communication flow between the master and this device (slave) on the I
2C bus, after the start condition is set, the slave
address (upper 3 bits of the slave address are set by the SAD0 to 2 pins) is entered in the first 7 bits, the data direction is
determined in the 8th bit (when the 8th bit is "0", data is written from the master, and data is read from the master when "1")
and communication is performed in byte units thereafter. At this time, acknowledgment is required for each byte.
The I
2C communication flow/timing chart is shown below.
 Command flow when writing data (1-byte command)
Start condition
Slave address +W(0)
Write data (ex. Command 1st byte)
Stop condition
- Timing chart when writing data. (1 byte command)
SCL
SDA
A6 A5 A4 A3 A2 A1 A0
A
W
D7 D6 D5 D4 D3 D2 D1
A
D0
S
A
A
Slave Address
1st Command Data
P
CBUSYB
S Start condition
P Stop condition
A Acknowledge
17/120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com