Electronic Components Datasheet Search
  English  ▼

X  

ML22Q663 Datasheet(PDF) 2 Page - Rohm

Part # ML22Q663
Description  4- Channel Mixing Spee ch Synthesi s LSI with Built-in Flash M emory
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q663 Datasheet(HTML) 2 Page - Rohm

  ML22Q663 Datasheet HTML 1Page - Rohm ML22Q663 Datasheet HTML 2Page - Rohm ML22Q663 Datasheet HTML 3Page - Rohm ML22Q663 Datasheet HTML 4Page - Rohm ML22Q663 Datasheet HTML 5Page - Rohm ML22Q663 Datasheet HTML 6Page - Rohm ML22Q663 Datasheet HTML 7Page - Rohm ML22Q663 Datasheet HTML 8Page - Rohm ML22Q663 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
FEDL22Q66X-02
ML22Q66X
■ Feature
● Sound data
Speech synthesis algorithm:
The algorithm can be specified for each phrase.
HQ-ADPCM/4bit ADPCM2/8bit non-linear PCM /
8bit Straight PCM/16bit Straight PCM
Sampling frequency:
The sampling frequency can be specified for each phrase.
10.7/21.3kHz,
6.4/12.8/25.6kHz,
8.0/16.0/32.0kHz,
11.025/22.05/44.1kHz,
12.0/24.0/48.0kHz
Maximum number of phrases: 4096 Phrases
● Edit ROM function
● Playback function
Repeat function:
LOOP command
Mixing-function:
Up to 4-channel
Volume adjustment function:
CVOL command 128 levels (including off-state)
AVOL command 16 levels (including off-state)
● Low-pass filter
● 16-bit D/A converter
● Speaker amplifier:
Class AB
1. 0W 8Ω (SPV
DD =5V, Ta=25
OC)
● Line amplifier output:
10kΩ driving (Exclusive operation from speaker amplifier output)
● External analog sound input (at the time Class AB speaker amplifier choice, with analog mixing function)
● MCU command interface:
I
2C Interface (Slave)
● Failure detection function
Speaker short detection: Speaker pin ground fault detection, speaker pin short detection
Speaker disconnection detection
Thermal detection
Clock error detection
Flash memory error detection
● Clock backup function
● Master clock frequency:
4.096MHz, 4.000MHz
● Power-supply voltage
2.7V to 5.5V
*1
DVDD,SPV DD and IOVDD can be set independently. (SPVDD
≥DV
DD)
● Operating temperature range:
-40
OC to +70 OC *2
● Package:
32-pin TQFP (7mm x 7mm, 0.8mm pitch)
● Ordered Part Name:
ML22Q66X-NNNTB,ML22Q66X-xxxTB (32-pin TQFP)
*3
*1 Handle VDDR pin in two different ways depending on the voltage range 2.7-3.6V or 3.3-5.5V.
Refer to the "Application Circuit".
*2 The operating time of the speaker amplifier may be limited depending on the average ambient temperature (Ta) used.
*3 The NNN is blanked. xxx represents ROM code number.
2/120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com