Electronic Components Datasheet Search
  English  ▼

X  

SAT32M225 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # SAT32M225
Description  M.2 NGFF SSD to 2.5in SATA Adapter Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SAT32M225 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  SAT32M225 Datasheet HTML 1Page - StarTech.com Ltd. SAT32M225 Datasheet HTML 2Page - StarTech.com Ltd. SAT32M225 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M.2 NGFF SSD to 2.5in SATA Adapter Converter
StarTech ID: SAT32M225
Vastly increase system performance by adding the speed of an M.2 SSD (Next Generation Form Factor) in any 2.5"
SATA application, with the SAT32M225 M.2 SSD to SATA adapter.
Utilize the full potential of your SATA III controller, with an M.2 SSD reducing your data transfer bottleneck with file
transfer speeds up to 6 Gbps. M.2 SSDs can also save you money by reducing your power consumption over
regular platter drives.
Help protect the health of your drive with an open-frame design that maximizes heat dissipation.
The SAT32M225 is backed by a StarTech.com 2-year warranty, and lifetime technical support.
Applications
Turn an unused M.2 (NGFF) drive into a regular 2.5in SATA solid state drive
Retrieve/backup data from an M.2 (NGFF) drive with a standard SATA computer
Access M.2 (NGFF) drives from an external source, such as a SATA drive enclosure or docking station
Features
Open-frame steel mounting bracket
Supports 7mm or larger 2.5" SATA bays
Support for SATA revision I/II/III (1.5/3.0/6.0 Gbps)
2.5in SATA form factor housing
Supports full length M.2 NGFF (Next Generation Form Factor) SSD Solid State Drives (2230, 2242, 2260,
2280)
uk.startech.com
0800 169 0408


Similar Part No. - SAT32M225

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
869MHz Narrow Band FM Transmitter
logo
BLOCK Transformatoren-E...
SAT300 BLOCK-SAT300 Datasheet
113Kb / 2P
Safety Standards VDE 0570, EN 61558-1 with EN 61558-2-13
02.2004
logo
Shanghai Leiditech Elec...
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
logo
YAGEO Corporation
SAT36A05L05 YAGEO-SAT36A05L05 Datasheet
473Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jun. 30, 2023 V.2
More results

Similar Description - SAT32M225

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U457-1M2-SATAG2 TRIPPLITE-U457-1M2-SATAG2 Datasheet
163Kb / 3P
USB 3.1 Gen 2 (10 Gbps) USB-C to M.2 NGFF SATA SSD (B-Key) Enclosure Adapter with UASP Support, Thunderbolt??3 Compatible
P960-001-M2 TRIPPLITE-P960-001-M2 Datasheet
174Kb / 2P
M.2 NGFF SATA SSD (B-Key) to 2.5 in. SATA Enclosure Adapter
P960-001-M2-NE TRIPPLITE-P960-001-M2-NE Datasheet
176Kb / 2P
M.2 NGFF SSD (B-Key) to 2.5 in. SATA Open-Frame Housing Adapter
P960-001-MSATA TRIPPLITE-P960-001-MSATA Datasheet
171Kb / 2P
mSATA SSD to 2.5 in. SATA Enclosure Adapter Converter
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Apacer Technology Inc.
SM21P-M280 APACER-SM21P-M280 Datasheet
782Kb / 4P
SATA 3 (6Gb/s) interface, M.2 (NGFF) connector
SM230-M280 APACER-SM230-M280 Datasheet
1Mb / 5P
SATA 3 (6Gb/s) interface, M.2 (NGFF) connector
logo
Advantech Co., Ltd.
SQF-S4B-650 ADVANTECH-SQF-S4B-650 Datasheet
424Kb / 1P
SATA III (6.0Gb) M.2 2242 SSD
1-Aug-2022
SQF-S8B-650 ADVANTECH-SQF-S8B-650 Datasheet
385Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
31-May-2022
SQF-SM8-830 ADVANTECH-SQF-SM8-830 Datasheet
675Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
21-Jun-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com