Electronic Components Datasheet Search
  English  ▼

X  

SAT32M225 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # SAT32M225
Description  M.2 NGFF SSD to 2.5in SATA Adapter Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SAT32M225 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  SAT32M225 Datasheet HTML 1Page - StarTech.com Ltd. SAT32M225 Datasheet HTML 2Page - StarTech.com Ltd. SAT32M225 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Warranty
2 Years
Drive Installation
Fixed
Drive Type
M.2 (NGFF)
Interface
SATA
Number of Drives
1
Drive Connectors
1 - M.2 (NGFF) Receptacle
Host Connectors
1 - SATA Data & Power Combo (7+15 pin) Receptacle
Hot Swap Capability No
Maximum Data
Transfer Rate
6 Gbps
Type and Rate
SATA III (6 Gbps)
OS Compatibility
Windows XP (32/64-bit)/ Server 2003 (32/64-bit)/ Server 2008 R2/ Server 2012/ Vista
(32/64-bit)/ 7 (32/64-bit)/ 8/8.1 (32/64-bit)
Mac OS X
Linux
Product Height
7 mm [0.3 in]
Product Length
100 mm [3.9 in]
Product Weight
38 g [1.3 oz]
Product Width
70 mm [2.8 in]
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
Shipping (Package)
Weight
104 g [3.7 oz]
Included in Package 1 - M.2 NGFF SSD to 2.5in SATA SSD Converter
Included in Package 1 - Mounting screw kit
Included in Package 1 - Installation manual
uk.startech.com
0800 169 0408



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com