Electronic Components Datasheet Search
  English  ▼

X  

ADRF5716 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5716
Description  Silicon Digital Attenuator, 2-Bit, 100 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5716 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5716 Datasheet HTML 1Page - Analog Devices ADRF5716 Datasheet HTML 2Page - Analog Devices ADRF5716 Datasheet HTML 3Page - Analog Devices ADRF5716 Datasheet HTML 4Page - Analog Devices ADRF5716 Datasheet HTML 5Page - Analog Devices ADRF5716 Datasheet HTML 6Page - Analog Devices ADRF5716 Datasheet HTML 7Page - Analog Devices ADRF5716 Datasheet HTML 8Page - Analog Devices ADRF5716 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
ADRF5716
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 15
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
LE, D5, and D6
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
−33
µA
High
IINH
<1
µA
SUPPLY CURRENT
VDD and VSS
Positive Supply Current
LE, D5, and D6 = 0 V
230
µA
LE, D5, and D6 = 3.3 V2
130
µA
Negative Supply Current
500
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Power Handling3
f = 100 MHz to 30 GHz, TCASE = 85°C4
Input at ATTIN or ATTOUT
Steady state average
30
dBm
Steady state peak
33
dBm
Hot switching
30
dBm
Case Temperature
TCASE
−40
+105
°C
1 Input linearity performance degrades over frequency, see Figure 16 to Figure 19.
2 If LE, D5, and D6 are in a different combination of states, the positive supply current is between 130 μA and 230 μA.
3 For power derating over frequency, see Figure 2 and Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
4 For 105°C operation, the power handling degrades from the TCASE = 85°C specifications by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com