Electronic Components Datasheet Search
  English  ▼

X  

ADRF5716 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5716
Description  Silicon Digital Attenuator, 2-Bit, 100 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5716 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5716 Datasheet HTML 2Page - Analog Devices ADRF5716 Datasheet HTML 3Page - Analog Devices ADRF5716 Datasheet HTML 4Page - Analog Devices ADRF5716 Datasheet HTML 5Page - Analog Devices ADRF5716 Datasheet HTML 6Page - Analog Devices ADRF5716 Datasheet HTML 7Page - Analog Devices ADRF5716 Datasheet HTML 8Page - Analog Devices ADRF5716 Datasheet HTML 9Page - Analog Devices ADRF5716 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
ADRF5716
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 15
For recommended operating conditions, see Table 1 and Table 2.
Table 3. Absolute Maximum Ratings
Parameter
Rating
VDD
−0.3 V to +3.6 V
VSS
−3.6 V to +0.3 V
Digital Control Inputs
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power1
Dual Supply (VDD = 3.3 V, VSS = −3.3 V, f = 100
MHz to 30 GHz, and TCASE = 85°C2)
Average
31 dBm
Peak
34 dBm
Hot Switching
31 dBm
Single Supply (VDD = 3.3 V, VSS = 0 V, f = 100
MHz to 30 GHz, and TCASE = 85°C2)
Average
19 dBm
Peak
19 dBm
Hot Switching
19 dBm
Unbiased Condition (VDD and VSS = 0 V)
15 dBm
Temperature
Junction
135°C
Storage
−65°C to +150°C
Reflow
260°C
1 For power derating over frequency, see Figure 2 and Figure 3. Applicable for
all ATTIN and ATTOUT power specifications.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC 1
Unit
CC-20-9
50
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com