Electronic Components Datasheet Search
  English  ▼

X  

ADRF5717 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5717
Description  Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5717 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5717 Datasheet HTML 3Page - Analog Devices ADRF5717 Datasheet HTML 4Page - Analog Devices ADRF5717 Datasheet HTML 5Page - Analog Devices ADRF5717 Datasheet HTML 6Page - Analog Devices ADRF5717 Datasheet HTML 7Page - Analog Devices ADRF5717 Datasheet HTML 8Page - Analog Devices ADRF5717 Datasheet HTML 9Page - Analog Devices ADRF5717 Datasheet HTML 10Page - Analog Devices ADRF5717 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADRF5717
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 7 of 15
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRF5717
Table 5. ADRF5717, 20-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
ATTIN and ATTOUT Pins
1000
1C
Supply and Control Pins
2000
2
CDM
500
C2A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com