Electronic Components Datasheet Search
  English  ▼

X  

ADRF5717 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5717
Description  Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5717 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5717 Datasheet HTML 4Page - Analog Devices ADRF5717 Datasheet HTML 5Page - Analog Devices ADRF5717 Datasheet HTML 6Page - Analog Devices ADRF5717 Datasheet HTML 7Page - Analog Devices ADRF5717 Datasheet HTML 8Page - Analog Devices ADRF5717 Datasheet HTML 9Page - Analog Devices ADRF5717 Datasheet HTML 10Page - Analog Devices ADRF5717 Datasheet HTML 11Page - Analog Devices ADRF5717 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
ADRF5717
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 15
Figure 4. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 5 to 11, 13,
17, 20
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
4
ATTIN
Attenuator Input. No DC blocking capacitor is necessary when the RF line potential is equal to 0 V DC. See Figure 5 for the
interface schematic.
12
ATTOUT
Attenuator Output. No DC blocking capacitor is necessary when the RF line potential is equal to 0 V DC. See Figure 5 for the
interface schematic.
14
VSS
Negative Supply Input. See Figure 8 for the interface schematic.
15
VDD
Positive Supply Input. See Figure 7 for the interface schematic.
16
LE
Latch Enable Input. See the Theory of Operation section for more information. See Figure 6 for the interface schematic.
18
D5
Parallel Control Input for 16 dB Attenuation Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
19
D6
Parallel Control Input for 16 dB Attenuation Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com