Electronic Components Datasheet Search
  English  ▼

X  

ADV7391 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7391
Description  Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391 Datasheet(HTML) 4 Page - Analog Devices

  ADV7391 Datasheet HTML 1Page - Analog Devices ADV7391 Datasheet HTML 2Page - Analog Devices ADV7391 Datasheet HTML 3Page - Analog Devices ADV7391 Datasheet HTML 4Page - Analog Devices ADV7391 Datasheet HTML 5Page - Analog Devices ADV7391 Datasheet HTML 6Page - Analog Devices ADV7391 Datasheet HTML 7Page - Analog Devices ADV7391 Datasheet HTML 8Page - Analog Devices ADV7391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Data Sheet
Rev. J | Page 4 of 107
Changes to ADV7390/ADV7391 Input Configuration
Section.............................................................................................. 45
Added Additional Layout Considerations for the WLCSP
Package Section............................................................................... 71
Added Figure 97.............................................................................. 73
Changes to Configuration Scripts Section .................................. 92
Changes to Subaddress 0x00, Table 66 ........................................ 93
Changes to Subaddress 0x00, Table 80 ........................................ 95
Changes to Subaddress 0x00, Table 83 ........................................ 95
Changes to Subaddress 0x00, Table 97 ........................................ 98
Updated Outline Dimensions, Added Figure 150.................... 106
Changes to Ordering Guide ........................................................ 106
3/2009—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Deleted Detailed Features Section, Changes to Table 1............... 4
Changes to Figure 1, Added Figure 2............................................. 5
Changes to Table 2, Input Clock Specifications Section, and
Analog Output Specifications Section........................................... 6
Changes to Digital Input/Output Specifications—3.3 V Section
and Table 5......................................................................................... 7
Added Digital Input/Output Specifications—1.8 V Section and
Table 6 ................................................................................................ 7
Changes to MPU Port Timing Specifications Section,
Default Conditions ........................................................................... 7
Changes to Digital Timing Specifications—3.3 V Section and
Table 8 ................................................................................................ 8
Added Digital Timing Specifications—1.8 V Section and
Table 9 ................................................................................................ 9
Added Video Performance Specifications Section, Default
Conditions ....................................................................................... 10
Added Power Specifications Section, Default Conditions........ 10
Changes to Table 11........................................................................ 10
Changes to Figure 16...................................................................... 16
Changes to Table 12........................................................................ 17
Changes to Table 14, Pin 19 and Pin 1 Descriptions ................. 18
Changes to MPU Port Description Section ................................ 25
Changes to I2C Operation Section ............................................... 25
Added Table 15 ............................................................................... 25
Changes to Table 17 ....................................................................... 28
Changes to Table 19, 0x30 Bit Description ................................. 30
Changes to Table 27 ....................................................................... 37
Changes to Table 29, 0x8B Bit Description................................. 39
Changes to Table 30 ....................................................................... 40
Changes to Table 31 ....................................................................... 41
Added Table 32 ............................................................................... 42
Renamed Features Section to Design Features Section............. 48
Changes to ED/HD Nonstandard Timing Mode Section......... 48
Added the HD Interlace External HSYNC and VSYNC
Considerations Section.................................................................. 49
Changes to SD Subcarrier Frequency Lock, Subcarrier Reset,
and Timing Reset Section.............................................................. 49
Changes to Subaddress 0x8C to Subaddress 0x8F Section....... 51
Changes to Programming the FSC Section................................... 51
Changes to Subaddress 0x82, Bit 4 Section................................. 51
Added SD Manual CSC Matrix Adjust Feature Section............ 54
Added Table 47 ............................................................................... 55
Changes to Subaddress 0x9C to Subaddress 0x9F Section....... 56
Changes to Subaddress 0xBA Section.......................................... 56
Added Sleep Mode Section ........................................................... 65
Changes to Pixel and Control Port Readback Section .............. 66
Changes to Reset Mechanisms Section ....................................... 66
Added SD Teletext Insertion Section........................................... 66
Added Figure 87 ............................................................................. 67
Added Figure 88 ............................................................................. 68
Changes to DAC Configuration Section..................................... 68
Added Unused Pins Section.......................................................... 68
Changes to Power Supply Sequencing Section........................... 70
Changes to Internal Test Pattern Generation Section ............... 77
Changes to SD Timing, Mode 0 (CCIR-656)—Slave Option
(Subaddress 0x8A = XXXXX000) Section.................................. 78
10/2006—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com