Electronic Components Datasheet Search
  English  ▼

X  

ADV7391 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7391
Description  Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391 Datasheet(HTML) 3 Page - Analog Devices

  ADV7391 Datasheet HTML 1Page - Analog Devices ADV7391 Datasheet HTML 2Page - Analog Devices ADV7391 Datasheet HTML 3Page - Analog Devices ADV7391 Datasheet HTML 4Page - Analog Devices ADV7391 Datasheet HTML 5Page - Analog Devices ADV7391 Datasheet HTML 6Page - Analog Devices ADV7391 Datasheet HTML 7Page - Analog Devices ADV7391 Datasheet HTML 8Page - Analog Devices ADV7391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
Data Sheet
ADV7390/ADV7391/ADV7392/ADV7393
Rev. J | Page 3 of 107
ED CGMS.....................................................................................74
 
HD CGMS....................................................................................74
 
CGMS CRC Functionality .........................................................74
 
SD Wide Screen Signaling..............................................................77
 
SD Closed Captioning ....................................................................78
 
Internal Test Pattern Generation...................................................79
 
SD Test Patterns...........................................................................79
 
ED/HD Test Patterns ..................................................................79
 
SD Timing ........................................................................................80
 
HD Timing.......................................................................................85
 
Video Output Levels .......................................................................86
 
SD YPrPb Output Levels—SMPTE/EBU N10 ........................86
 
ED/HD YPrPb Output Levels ...................................................87
 
SD/ED/HD RGB Output Levels................................................88
 
SD Output Plots ..........................................................................89
 
Video Standards ..............................................................................90
 
Configuration Scripts .....................................................................92
 
Standard Definition ....................................................................92
 
Enhanced Definition ..................................................................99
 
High Definition .........................................................................101
 
ADV7390/ADV7391/ADV7392/ADV7393 Evaluation Board
.........................................................................................................104
 
Outline Dimensions......................................................................105
 
Ordering Guide .........................................................................107
 
Automotive Products................................................................107
 
REVISION HISTORY
8/2018—Rev. I to Rev. J
Changes to Figure 93 ......................................................................72
Changes to Figure 94 ......................................................................73
Updated Outline Dimensions......................................................105
Changes to Ordering Guide.........................................................107
2/2015—Rev. H to Rev. I
Changed ADV739x to ADV7390/ADV7391/ADV7392/
ADV7393............................................................................. Universal
Changes to Figure 19 ......................................................................19
Changes to Table 15 ........................................................................20
Changes to Figure 144 ..................................................................104
Updated Outline Dimensions......................................................106
Changes to Ordering Guide.........................................................107
9/2014—Rev. G to Rev. H
Changed Storage Temperature Range from −60°C to +100°C to
−60°C to +150°C; Table 13.............................................................18
Updated Figure 145, Outline Dimensions .................................105
Changes to Ordering Guide.........................................................107
2/2013—Rev. F to Rev. G
Change to Features Section..............................................................1
Changes to Table 14 ........................................................................18
Changes to Figure 62 ......................................................................48
Changes to Ordering Guide.........................................................107
11/2012—Rev. E to Rev. F
Updated Outline Dimensions......................................................105
Changes to Ordering Guide.........................................................107
2/2012—Rev. D to Rev. E
Changes to Table 1 ............................................................................5
Changes to Digital Input/Output Specifications—
1.8 V Section ......................................................................................8
Changes to Table 15 ........................................................................21
Changes to Table 20 ........................................................................31
Changes to Table 23 ........................................................................34
Changes to Table 28 ........................................................................39
Changes to 16-Bit 4:4:4 RGB Mode Section................................47
Added External Sync Polarity Section..........................................51
Deleted ED/HD Nonstandard Timing Mode Section, Figure 63,
and Table 41, Renumbered Sequentially......................................51
Changed SD Subcarrier Frequency Lock, Subcarrier Phase
Reset, and Timing Reset Section to SD Subcarrier Frequency
Lock Section.....................................................................................52
Deleted Subaddress 0x84, Bits[2:1] Section, Timing Reset (TR)
Mode Section, Subcarrier Phase Reset (SCR) Mode Section,
Figure 64, and Figure 65.................................................................52
Changes to Ordering Guide.........................................................121
11/2011—Rev. C to Rev. D
Changes to Features Section ............................................................1
Updated Outline Dimensions and changes to Automotive
Products Section............................................................................107
9/2011—Rev. B to Rev. C
Changes to MPU Port Description Section.................................26
Changes to Ordering Guide.........................................................107
7/2010—Rev. A to Rev. B
Changes to Features Section ............................................................1
Change to Applications Section ......................................................5
Changes to General Description .....................................................5
Added Table 2, Renumbered Subsequent Tables ..........................5
Added Figure 2, Renumbered Subsequent Figures ......................6
Changes to Full-Drive Output Current Parameter, Table 5 ........7
Changes to Table 14 ........................................................................18
Added Figure 20 ..............................................................................19
Changes to Table 15 ........................................................................19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com