Electronic Components Datasheet Search
  English  ▼

X  

UG-2158 Datasheet(PDF) 2 Page - Analog Devices

Part # UG-2158
Description  Evaluation of the ADRF5715 Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-2158 Datasheet(HTML) 2 Page - Analog Devices

  UG-2158 Datasheet HTML 1Page - Analog Devices UG-2158 Datasheet HTML 2Page - Analog Devices UG-2158 Datasheet HTML 3Page - Analog Devices UG-2158 Datasheet HTML 4Page - Analog Devices UG-2158 Datasheet HTML 5Page - Analog Devices UG-2158 Datasheet HTML 6Page - Analog Devices UG-2158 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
User Guide
EVAL-ADRF5715
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 7
Features................................................................ 1
Equipment Needed................................................1
General Description...............................................1
ADRF5715-EVALZ Evaluation Board Photograph 1
Evaluation Board Hardware...................................3
Overview............................................................ 3
Board Layout......................................................3
Power Supply and Control Inputs.......................3
RF Inputs and Outputs ...................................... 3
Test Procedure...................................................... 4
Biasing Sequence.............................................. 4
Expected Results............................................... 5
Evaluation Board Schematic and Artwork............. 6
Ordering Information..............................................7
Bill of Materials................................................... 7
REVISION HISTORY
12/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com