Electronic Components Datasheet Search
  English  ▼

X  

UG-2158 Datasheet(PDF) 3 Page - Analog Devices

Part # UG-2158
Description  Evaluation of the ADRF5715 Silicon Digital Attenuator, 1-Bit, 1 MHz to 30 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-2158 Datasheet(HTML) 3 Page - Analog Devices

  UG-2158 Datasheet HTML 1Page - Analog Devices UG-2158 Datasheet HTML 2Page - Analog Devices UG-2158 Datasheet HTML 3Page - Analog Devices UG-2158 Datasheet HTML 4Page - Analog Devices UG-2158 Datasheet HTML 5Page - Analog Devices UG-2158 Datasheet HTML 6Page - Analog Devices UG-2158 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
User Guide
EVAL-ADRF5715
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 3 of 7
OVERVIEW
The ADRF5715-EVALZ is a connectorized board, assembled with
the ADRF5715 and its application circuitry. All components are
placed on the primary side of ADRF5715-EVALZ. An assembly
drawing for the ADRF5715-EVALZ is shown in Figure 8, and an
evaluation board schematic is shown in Figure 7.
BOARD LAYOUT
The ADRF5715-EVALZ is designed using RF circuit design techni-
ques on a 4-layer printed circuit board (PCB). The PCB stack-up is
shown in Figure 2.
Figure 2. Evaluation Board Stack-Up
The outer copper layers are 1.5 oz (2.2 mil) thick and the inner
layers are 0.5 oz (0.7 mil) thick.
The top dielectric material is 12 mil Rogers 4003, which provides 50
Ω controlled impedance and optimizes the high frequency perform-
ance. All RF traces are routed on the top layer, and the second
layer is used as the ground plane for RF transmission lines. The
remaining two layers are also ground planes filled with FR4 material
to manage the thermal rise during high power operations and
are supported with dense and filled vias to the PCB bottom for
thermal relief. The overall board thickness is approximately 62 mil
for mechanical strength.
The RF transmission lines are designed using a coplanar wave-
guide (CPWG) model with a width of 16 mil and ground spacing
of 6 mil to have a characteristic impedance of 50 Ω. Ground
via fences are arranged on both sides of the CPWG to improve
isolation between nearby RF lines and other signal lines.
The exposed ground pad of the ADRF5715, which is soldered
on the PCB ground pad, is the main thermal conduit for heat
dissipation. The PCB ground pad is densely populated with filled,
through vias to provide the lowest possible thermal resistance path
from the top to the bottom of the PCB. The connections from the
package ground leads to ground are kept as short as possible.
POWER SUPPLY AND CONTROL INPUTS
The ADRF5715-EVALZ has two power-supply inputs, three control
inputs, and a ground, as shown in Table 1. The DC test points
are populated on VDD, VSS, D0, and GND. A 3.3 V supply is
connected to the DC test points on VDD, and the −3.3 V supply is
connected to the DC test points on VSS. Ground reference can be
connected to GND. Connect the control input, D0, to 3.3 V or 0 V.
The typical total current consumption for the ADRF5715 is between
630 mA and 660 mA.
The VDD and VSS supply pins and control pins of the ADRF5715
are decoupled with 100 pF capacitor.
Table 1. Power Supply and Control Inputs
Test Point
Description
VDD
+3.3 V supply voltage
VSS
−3.3 V supply voltage
D0
Control Input 1
RF INPUTS AND OUTPUTS
The ADRF5715-EVALZ has four edge-mounted, 2.92 mm connec-
tors for the RF inputs and outputs, as shown in Table 2.
Table 2. RF Inputs and Outputs
SMA Connector
Description
ATTIN
Attenuator input
ATTOUT
Attenuator output
THRU1
Thru line input and output
THRU2
Thru line input and output
The ADRF5715-EVALZ is shipped together with a thru line that
calibrates out the board loss effects from the measurements deter-
mining the device performance at the pins of the IC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com