Electronic Components Datasheet Search
  English  ▼

X  

M795 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # M795
Description  Handles & Feet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

M795 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  M795 Datasheet HTML 1Page - Hammond Manufacturing Ltd. M795 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
www
.hamm
ondmfg.com
104
©
1427J
• 8.5” (216mm) long
• .77” (20mm) width
• .19” (5mm) height
• 7.25” (184mm) mounting
centers
• chrome caps on a fluted
soft vinyl strap with a
spring steel core
• 50 lb. (23 kg) load capacity
• hardware included
1427K
• 5” (128mm) length
• 3.5” (90mm) height
• .68” (17mm) depth
• black plastic tray with grey
plastic folding handle
• handle is 4.1” (104mm) wide
and 2.5” (63mm) high
• steady load capacity of 75
lbs. per handle
• simple installation: secured
by 2 clips (included)
M262-01
• 5.9” (150mm) length
• 4.1” (105mm) height
• .65” (17mm) depth
• galvanized steel, flush
mount screw down tray
• polished aluminum handle
• handle is 4.7” (120mm)
wide and 3” (77mm) high
• steady load capacity of 330
lbs. per pair
• hardware included
• sold in pairs
M263-1
• 5.1” (130mm) length
• 3.6” (91mm) height
• .79” (20mm) depth
• black steel tray
• folding, spring loaded
polished steel handle
• handle is 4” (102mm)
wide and 2.3” (59mm)
high
• steady load capacity
of 275 lbs. per pair
• hardware not included
• sold in pairs
M3255-2001
• 7.6” (194mm) length
• 3” (76mm) height
• .83” (21mm) depth
• silver steel tray
• folding black matte handle
• handle is 6.4” (164mm)
wide and 2.3” (59mm) high
• carry capacity of 220 lbs.
per pair
• hardware not included
• sold in pairs
M797-24
• 1.1” (27mm) length
• .64” (16mm) height
• .55” (14mm) depth
• black polyamic fixed rear
legs
• hardware included
• sold in pairs
M3784-7001
• 2.6” (67mm) length (in
closed position)
• 1.8 (46mm) height (in open
position)
• black polyamide spring
locked folding legs
• hardware included
• sold in pairs
1427X
• 2.5” (63mm) length (in
closed position)
• 1.35” (34mm) height (in
open position)
• white ABS plastic folding
legs
• sold in pairs
Handles & Feet


Similar Part No. - M795

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M79 MACOM-M79 Datasheet
484Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M79 MA-COM-M79 Datasheet
1Mb / 3P
Double-Balanced Mixer
M79 MA-COM-M79 Datasheet
652Kb / 4P
Double-Balanced Mixer
logo
Tyco Electronics
M79C MACOM-M79C Datasheet
484Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M79C MA-COM-M79C Datasheet
1Mb / 3P
Double-Balanced Mixer
More results

Similar Description - M795

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
logo
Pomona Electronics
6869-180 POMONA-6869-180 Datasheet
90Kb / 1P
XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
SFF-028 ETC2-SFF-028 Datasheet
161Kb / 1P
SOFT FAST FEET
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
SHENZHEN KOO CHIN ELECT...
O504DC KOOCHIN-O504DC Datasheet
944Kb / 1P
5MM long feet orange
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com