Electronic Components Datasheet Search
  English  ▼

X  

M795 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # M795
Description  Handles & Feet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

M795 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  M795 Datasheet HTML 1Page - Hammond Manufacturing Ltd. M795 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
105
www
.ham
mondm
fg.com
©
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
M795
• 4.8” (122mm) overall length
• grey plastic cord wrap
• simple installation: secured
by two clips each (in-
cluded)
• sold in pairs
M795-2
• 5” (126mm) overall length
• zinc plated cord wrap
• mounting hardware not
included
• sold in pairs
Cable Wraps, Rubber Feet & Bails
RUBBER FEET
1421T2
1421T3
1421T4
1421T7
1421T5CL
1421T6CL
1421T8BK
1421T9BK
t
e
e
.
r
e
b
b
u
R
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
r
o
l
o
C
s
n
o
i
s
n
e
m
i
D
e
l
y
t
S
y
t
Q
.
g
k
P
2
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
4
1
.
x
"
5
.m
m
5
.
3
x
7
.
2
1d
n
u
o
R
t
a
l
.4
2
L
C
2
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sr
a
e
l
C"
4
1
.
x
"
5
.m
m
5
.
3
x
7
.
2
1d
n
u
o
R
t
a
l
.4
2
Y
G
2
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sy
e
r
G"
4
1
.
x
"
5
.m
m
5
.
3
x
7
.
2
1d
n
u
o
R
t
a
l
.4
2
3
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
3
2
.
x
"
5
.m
m
8
.
5
x
7
.
2
1e
r
a
u
q
S4
2
4
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
0
3
.
x
"
1
8
.m
m
6
.
7
x
5
.
0
2e
r
a
u
q
S4
2
K
B
5
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
0
2
.
x
"
4
4
.m
m
5
x
1
.
1
1e
r
e
h
p
s
i
m
e
H4
2
L
C
5
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sr
a
e
l
C"
0
2
.
x
"
4
4
.m
m
5
x
1
.
1
1e
r
e
h
p
s
i
m
e
H4
2
L
C
6
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sr
a
e
l
C"
9
0
.
x
"
1
3
.m
m
2
.
2
x
9
.
7d
n
u
o
R
t
a
l
.4
2
7
T
1
2
4
1
n
o
-
w
e
r
c
Sk
c
a
l
B"
5
.
x
"
5
7
.m
m
7
.
2
1
x
9
1d
n
u
o
R4
2
K
B
8
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
2
1
.
x
"
7
4
.m
m
1
.
3
x
1
.
2
1e
r
a
u
q
S4
2
K
B
9
T
1
2
4
1
e
v
i
s
e
h
d
a
-
fl
e
Sk
c
a
l
B"
0
4
.
x
"
8
8
.m
m
6
1
.
0
1
x
5
3
.
2
2d
n
u
o
R4
2
BAILS
)
d
n
a
t
S
t
li
T
(
-
s
li
a
B
r
e
b
m
u
N
t
r
a
P
s
r
e
t
n
e
C
g
n
i
t
n
u
o
M
s
e
h
c
n
i
m
m
5
D
7
2
4
1
5
.
57
.
9
3
1
7
D
7
2
4
1
0
.
78
.
7
7
1
0
1
D
7
2
4
1
0
.
0
10
.
4
5
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com