Electronic Components Datasheet Search
  English  ▼

X  

LT5575 Datasheet(PDF) 2 Page - Analog Devices

Part # LT5575
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1048A 1.5GHZ TO 2.7GHZ DIRECT CONVERSION I/Q RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5575 Datasheet(HTML) 2 Page - Analog Devices

  LT5575 Datasheet HTML 1Page - Analog Devices LT5575 Datasheet HTML 2Page - Analog Devices LT5575 Datasheet HTML 3Page - Analog Devices LT5575 Datasheet HTML 4Page - Analog Devices LT5575 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1048A
1.5GHZ TO 2.7GHZ DIRECT CONVERSION I/Q RECEIVER
2
APPLICATION NOTE
ABSOLUTE MAXIMUM INPUT RATING
Power Supply Voltage ..........................................5.5V
Enable Voltage .............................. –0.3V to V
CC + 0.3V
RF Input Power................................................ 20dBm
LO Input Power................................................ 10dBm
RF Input DC Voltage ...........................................±0.1V
LO Input DC Voltage ...........................................±0.1V
FREQUENCY RANGE
Demonstration circuit 1048A is designed for evaluating
the LT5575 in the frequency range between 1.5GHz and
2.7GHz. In this frequency range, both of the LT5575’s
RF and LO ports are internally matched to 50
Ω
Ω
Ω
Ω. Below
1.5GHz, a shunt capacitor to ground placed close to the
RF and LO pins of the IC can be used to provide imped-
ance matching to maintain best performance. Matching
capacitor values for different frequency bands are listed
in Table 2.
Table 2. RF and LO match and Baseband Output Filtering
RF Match
LO Match
Baseband
Frequency Range
C10
C12
C1-C4
Low Band:
800 to 1000MHz
4.7pF
3.9pF
10pF
Mid Band:
1000MHz to 1500MHz
2pF
2pF
2.2pF
High Band:
1500MHz to 2700MHz
None
None
None
OUTPUT FILTERING
Proper filtering of unwanted high frequency mixing
products at the I and Q outputs is important to maintain
superior linearity. The most convenient method is to
terminate each output with a shunt capacitor to ground.
The capacitor value should be optimized depending
upon the operating frequency. However, the capacitors
may reduce baseband output bandwidth. Filtering ca-
pacitor values for different frequency bands are listed in
Table 2.
TEST EQUIPMENT AND SETUP
Refer to Figure 1 for proper measurement equipment
setup.
Use high performance signal generators with low
harmonic output for 2-tone measurements. Other-
wise, low-pass filters at the signal generator outputs
should be used to suppress higher-order harmonics.
High quality combiners that provide broadband 50
Ω
Ω
Ω
Ω
termination on all ports and have good port-to-port
isolation should be used. Attenuators on the outputs
of the signal generators are recommended to further
improve source isolation, to prevent the sources
from modulating each other and generating inter-
modulation products.
Spectrum analyzers can produce significant internal
distortion products if they are overdriven. Generally,
spectrum analyzers are designed to operate at their best
with about –30dBm to -40dBm at their input. Sufficient
spectrum analyzer input attenuation should be used
to avoid saturating the instrument.
Before performing measurements on the DUT, the
system performance should be evaluated to ensure
that: 1) a clean input signal is obtained and 2) the
spectrum analyzer internal distortion is minimized.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com