Electronic Components Datasheet Search
  English  ▼

X  

LT5575 Datasheet(PDF) 3 Page - Analog Devices

Part # LT5575
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1048A 1.5GHZ TO 2.7GHZ DIRECT CONVERSION I/Q RECEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5575 Datasheet(HTML) 3 Page - Analog Devices

  LT5575 Datasheet HTML 1Page - Analog Devices LT5575 Datasheet HTML 2Page - Analog Devices LT5575 Datasheet HTML 3Page - Analog Devices LT5575 Datasheet HTML 4Page - Analog Devices LT5575 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1048A
1.5GHZ TO 2.7GHZ DIRECT CONVERSION I/Q RECEIVER
3
QUICK START PROCEDURE
Demonstration circuit 1048A is easy to set up to evalu-
ate the performance of the LT5575. Refer to Figure 1
for proper measurement equipment setup and follow
the procedure below:
NOTE:
a.
Care should be taken to never exceed absolute
maximum input rating.
b.
DC power should never be applied to the EN pin
before it is applied to the Vcc pin.
1.
Connect all test equipment as shown in Figure 1.
2.
Apply 5V DC supply power, and verify that the cur-
rent consumption is approximately 132mA.
3.
Apply RF and LO input signals to perform AC
measurements.
4.
Set the LO signal generator (#1) to provide a
1901MHz, 0dBm, CW signal to the demo board LO
input port.
5.
Set the RF signal generators (#2 and #3) to pro-
vide two –10dBm CW signals to the demo board
RF input port—one at 1899.9MHz, and the other
at 1900.1MHz.
6.
Set the Spectrum Analyzer’s start frequency to
100kHz and stop frequency to 1400kHz. Sufficient
spectrum analyzer input attenuation should be
used to avoid saturating the instrument.
7.
Measure input 2
nd and 3rd order intercepts:
a.
IIP2 = P1 – P2 + Pin
b.
IIP3 = (P1 – P3) / 2 + Pin
Where P1 is the lowest power level of the two fun-
damental output tones at either 900kHz or 1100kHz,
P2 is the 2
nd order product at 200kHz, P3 is the larg-
est 3
rd order product at either 700kHz or 1300kHz,
and Pin is the input power (in this case, -10dBm).
All units are in dBm.
8.
Voltage conversion gain can also be measured. But
be ware that the gain is reduced by combiner loss
plus 7.23dB, because the load impedance to each
output pin is 50
Ω
Ω
Ω
Ω in this setup. Please refer to the
LT5575 datasheet for more detailed explanation.
9.
Measure LO to RF leakage, RF to LO isolation, and
Input 1dB compression.
10.
Double-Side band Noise Figure can be measured di-
rectly on a noise figure meter. Refer to noise figure
meter manual for instructions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com