Electronic Components Datasheet Search
  English  ▼

X  

LTC4060 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4060
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783 NIMH/NICD CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4060 Datasheet(HTML) 6 Page - Analog Devices

  LTC4060 Datasheet HTML 1Page - Analog Devices LTC4060 Datasheet HTML 2Page - Analog Devices LTC4060 Datasheet HTML 3Page - Analog Devices LTC4060 Datasheet HTML 4Page - Analog Devices LTC4060 Datasheet HTML 5Page - Analog Devices LTC4060 Datasheet HTML 6Page - Analog Devices LTC4060 Datasheet HTML 7Page - Analog Devices LTC4060 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783
NIMH/NICD CHARGER
6
For higher power dissipation or higher charge cur-
rent situations, an external PNP pass transistor
mounted on a heat sink and, if needed, a current
sense resistor can be added to the demo circuit.
Lift the emitter and base connections to the on-
board transistor when an external transistor is
used. Pads for an external current sense resistor
(R5) are included on this pc board. This resistor is
in parallel with the internal sense resistor and is
selected to have approx 100mV from Vcc to SENSE
at the programmed charge current.
Other time periods can be programmed by adding a
suitable capacitor on the TIMER terminal.
Please refer to the LTC4060 data sheet for addi-
tional information.
DIFFERENCES
BETWEEN
NiCd
AND
NiMH
BATTERIES:
NiCd batteries exhibit very little temperature rise
during most of the charge cycle. The temperature
rise mainly occurs near the end of the charge cycle.
NiMH batteries are different in this respect, where
the battery temperature rise continues during the
charge cycle and accelerates near the end of the
charge cycle.
The - V that occurs when charging a NiMH battery
is less than a NiCd. This makes - V termination
somewhat more difficult to detect for a NiMH bat-
tery.
Figure 2. Optional Demo Board Features



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com