Electronic Components Datasheet Search
  English  ▼

X  

LTC4060 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4060
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783 NIMH/NICD CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4060 Datasheet(HTML) 3 Page - Analog Devices

  LTC4060 Datasheet HTML 1Page - Analog Devices LTC4060 Datasheet HTML 2Page - Analog Devices LTC4060 Datasheet HTML 3Page - Analog Devices LTC4060 Datasheet HTML 4Page - Analog Devices LTC4060 Datasheet HTML 5Page - Analog Devices LTC4060 Datasheet HTML 6Page - Analog Devices LTC4060 Datasheet HTML 7Page - Analog Devices LTC4060 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783
NIMH/NICD CHARGER
3
Table 1. Jumper Descriptions
Jumper
Name
Jumper Description
Comments
OUT - Disables thermistor function
NTC
Selects thermistor function for
sensing battery temperature
BAT - Selects thermistor in battery pack
NiMH - Nickel Metal Hydride charge termination
CHEM
Selects battery chemistry
NiCd - Nickel Cadmium charge termination
# of Cells
1
2
3
4
SEL 0
A
B
A
B
SEL 1
SEL 0
Selects number of series cells to
be charged
SEL 1
A
A
B
B
1.3V
1.2V
RECHARGE
Programs Recharge Voltage
OFF – No Recharge
2A
1A
CHARGE
CURRENT
Programs Charge Current
0.5A
Charge
Current
Charge
Rate
Time Period
Jumper
Position
0.5A
1C
1.5Hr
A
1A
1C
1.5Hr
B
1A
0.5C
3Hr
C
2A
1C
1.5Hr
C
TIMER
Programs
Maximum
Safety
Timer
(Time is also dependant
on charge current program re-
sistor)
2A
0.5C
3Hr
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com