Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC5585
Description  LTC5585 Demo Board (DC1662A) Quick Start Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5585 Datasheet(HTML) 4 Page - Analog Devices

  LTC5585 Datasheet HTML 1Page - Analog Devices LTC5585 Datasheet HTML 2Page - Analog Devices LTC5585 Datasheet HTML 3Page - Analog Devices LTC5585 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary
Linear Technology Confidential
4
Item Qty Reference
Part Description
Manufacturer / Part #
1
0
C1-C8,C14,C17,C23-C28,R5-R8,R16
OPT, 0402
2
0
C9
OPT, 0603
3
7
C10,C11,C31-C35
CAP., X7R, 0.1uF, 10%, 16V, 0402
MURATA, GRM155R71C104KA88D
4
2
C13,C19
IND., MULTILAYER, 5.1nH, +/-0.3nH, 0402
MURATA, LQG15HS5N1S02D
5
3
C15,C36,C37
CAP., C0G, 1000pF, 5%, 50V, 0402
MURATA, GRM1555C1H102JA01D
6
1
C16
CAP., X7R, 4.7uF, 10%, 16V, 0805
MURATA, GRM21BR71C475KA73L
7
2
C12,C18
RES., CHIP, 0 Ohm, 0402
VISHAY, CRCW04020000Z0
8
4
C21,C22,C29,C30
CAP., X5R, 1uF, 10%, 10V, 0402
MURATA, GRM155R61A105KE15D
9
10 E1-E6,E8-E10,E13
TESTPOINT, TURRET, .063"
MILL-MAX, 2308-2-00-80-00-00-07-0
10
3
E7,E11,E12
TESTPOINT, TURRET, .094"
MILL-MAX, 2501-2-00-80-00-00-07-0
11
6
J1-J6
CONN., SMA, 50-OHM, EDGE-LANCH
E.F.JOHNSON, 142-0701-851
12
1
JP1
HEADER, 6 X 2 PIN, 2MM
SAMTEC, TMM-106-02-L-D
13
6
XJP1 (6 LOCATION FOR JP1)
SHUNT
SAMTEC, 2SN-BK-G
14
8
L1-L4,R1-R4
RES., CHIP, 0 Ohm, 0805
VISHAY, CRCW08050000Z0
15
1
L5
CAP., C0G, 1.0pF, +/-0.05pF, 0402
MURATA, GJM1555C1H1R0WB01D
16
1
L6
CAP., C0G, 1.2pF, +/-0.05pF, 0402
MURATA, GJM1555C1H1R2WB01D
17
5
PT1-PT5
POT., 4mm SMD, 500 Ohm
BOURNS, 3214X-1-501-E
18
4
R9,R11,R13,R14
RES., CHIP, 100 Ohm, 1%, 1/16W, 0402
VISHAY, CRCW0402100RFKED
19
1
R15
RES., CHIP, 1 Ohm, 1%, 1/8W, 0805
VISHAY, CRCW08051R00FNEA
20
1
T1
TRANSFORMER, RF BALUN
ANAREN, BD0826J50200A00
21
1
U1
IC, LT5585IUF#PBF, QFN 4mm X 4mm
LINEAR TECH., LT5585IUF#PBF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com