Electronic Components Datasheet Search
  English  ▼

X  

LTC5585 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC5585
Description  LTC5585 Demo Board (DC1662A) Quick Start Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5585 Datasheet(HTML) 1 Page - Analog Devices

  LTC5585 Datasheet HTML 1Page - Analog Devices LTC5585 Datasheet HTML 2Page - Analog Devices LTC5585 Datasheet HTML 3Page - Analog Devices LTC5585 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
Linear Technology Confidential
1
LTC5585 Demo Board (DC1662A) Quick Start Guide
Quick Start Procedures:
1. Connect test equipments as shown in Figure 1 with all signal sources and DC supplies off.
2. Turn on the 5V DC power supply.
3. Connect EN to VCC_SENSE.
4. Monitor the DC volt meter, and adjust the DC supply voltage until VCC_SENSE is 5V.
5. Verify ICC is approximately 190mA.
6. Turn on the RF and the LO signal generators.
7. Adjust the spectrum analyzer settings. Be sure to use enough input attenuation to avoid over-
driving the spectrum analyzer.
8. Take measurement.
Using the IIP2 and DC Offset adjustment features:
Method 1 (On-board trim pots):
1. Install jumpers to all 6 positions of jumper block JP1
2. Apply 1V DC to VCTRL.
3. Connect EIP2 and EDC to VCC_SENSE.
4. Adjust REF trim pot until the voltage on the REF test point reaches 0.5V.
5. Adjust IIP2 and DC Offset using the on-board trim pots.
Method 2 (External voltage sources):
1. Remove jumpers from all 6 positions of jumper block JP1.
2. Connect EIP2 and EDC to VCC_SENSE.
3. Using 5 separate DC power supplies, apply 0.5V to each of the demo board REF, IP2I, IP2Q,
DCOI, and DCOQ test points.
4. Vary the voltages on IP2I, IP2Q, DCO1, and DCOQ to adjust IIP2 and DC Offset.


Similar Part No. - LTC5585

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5585 LINER-LTC5585 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
LTC5585 LINER-LTC5585 Datasheet
405Kb / 24P
16-Bit, 20Msps Serial Low Noise Dual ADC
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
Wideband IQ Demodulator with IIP2 and DC Offset Control
More results

Similar Description - LTC5585

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
logo
NXP Semiconductors
ADC1X13D NXP-ADC1X13D Datasheet
1Mb / 17P
Quick Start Guide ADC1x13D ECP3 demo board
Rev. 1.2-January 2011
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
NXP Semiconductors
UM10883 NXP-UM10883 Datasheet
2Mb / 58P
PN7462AU Quick Start Guide - Customer Board
Rev. 1.0-29 March 2016
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
Eval Board Quick Start Guide
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
Eval Board Quick Start Guide
logo
NXP Semiconductors
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
AN11308 NXP-AN11308 Datasheet
2Mb / 40P
Quick Start Up Guide PNEV512B Board
Rev. 2.4-26 June 2018
logo
Efficient Power Convers...
EPC9079 EPC-CO-EPC9079 Datasheet
1Mb / 6P
Development Board EPC9079 Quick Start Guide
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com