Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2881
Description  Isolated 20Mbps RS485/RS422 μModule Transceiver with Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 4 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1503fa
DEMO MANUAL DC1503A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
REQUIRED CIRCUIT COMPONENTS
1
1
U1
I.C., LTM2881CV-3
I.C., LTM2881CV-5
LINEAR LTM2881CV-3#PBF
LINEAR LTM2881CV-5#PBF
HARDWARE (FOR DEMO BOARD ONLY)
2
2
CIN1, CIN2
CAP., TANT 6.8μF 16V 10% TAJA
AVX TAJA685K016R
3
2
D1, D2
LED, SMT, GREEN, 2.1V 15mA
PANASONIC LN1351C-(TR)
4
1
R1
RES., CHIP 1k 1/16W, 5%, 0603
VISHAY, CRCW06031K00JNEA
5
1
R2
RES., CHIP 3.3k 1/16W, 5%, 0603
VISHAY, CRCW06033K30JNEA
6
1
R3
RES., CHIP 120Ω 1/4W, 5%, 1206
VISHAY, CRCW1206120RJNEA
7
1
SW1
SWITCH, SLIDE, DPDT
E-SWITCH, EG2271
8
1
J1
TERMINAL BLOCK, 5-PIN 3.5mm
ON-SHORE TECH ED555/5DS
9
5
JP1-JP4, JP10
2mm SINGLE ROW HEADER, 3 PIN
SAMTEC, TMM-103-02-L-S
10
6
JP5-JP9, JP11
2mm DOUBLE ROW HEADER, 6 PIN
SAMTEC, TMM-103-02-L-D
11
11
JP1-JP11
SHUNT
SAMTEC, 2SN-BK-G
12
5
TP1-TP5
TEST POINT, TURRET, 0.095
MILL-MAX, 2501-2-00-80-00-00-07-0
13
12
TP7-TP18
TEST POINT, TURRET, 0.065
MILL-MAX, 2308-2-00-80-00-00-07-0
14
4
(Stand-Off)
STAND-OFF, NYLON 0.375" tall
KEYSTONE, 8832 (SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com