Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2881
Description  Isolated 20Mbps RS485/RS422 μModule Transceiver with Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 2 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1503fa
DEMO MANUAL DC1503A
QUICK START PROCEDURE
Demonstration circuit DC1503A is easy to set up to evalu-
ate the performance of the LTM2881. Refer to Figure 2
for proper measurement equipment setup and follow the
procedure below:
Use a short ground lead on the oscilloscope probe when
measuring input or output voltage ripple or high speed
signals.
1. Place jumpers in the following positions: (all are default
except JP1, JP2, JP6 and JP8)
JP1
ON
JP2
VCC (Note: Logic signals referenced to VCC)
JP3
ON
JP4
OUT
JP5
ON
JP6
EXT
JP7
ON
JP8
ON
JP9
ON
JP10 FAST
JP11 HI
SW1 HALF DUPLEX
2. With power off, connect the input power supply to VCC
and GND.
3. Turn on the power at the input.
Note: Make sure that the input voltage does not exceed
6V.
4. Check for the proper output voltages. VCC2 = 5V, LED
D1 is On, LED D2 is On.
5. Once the proper output voltages are established, connect
a function generator to terminal DI and set to square
wave with a low of 0V, high = VCC, termination is Hi-Z.
Set Frequency to 10MHz (20Mbps). Enable output of
function generator.
6. Connect oscilloscope to terminal RO and observe wave-
form at 10MHz. This demonstration shows data that
transmits from DI, loops back through the half-duplex
configuration, and out of RO.
Figure 1. RO Output
RO
1V/DIV
50ns/DIV
DC1503 F01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com