Electronic Components Datasheet Search
  English  ▼

X  

CHA3023 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3023
Description  1-18 GHz WIDE BAND AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3023 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3023 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3023 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA3023
1-18GHz Wide Band Amplifier
DSCHA30235263 - 20 sep 05
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd=5V,
Vg1=-0.3V tuned to have Id=95mA
Vg2=+2V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
1
18
GHz
G
Small signal gain
F= 1 to 3GHz
F= 3 to 18GHz
11.5
12.5
13
14
dB
dB
∆G
Small signal gain flatness
± 0.7
dB
P1dB
Output power at 1dB gain compression
15
17
dBm
VSWRin
Input VSWR
2.2:1
VSWRout Output VSWR
2.2:1
NF
Noise Figure
F= 1 to 4GHz
F= 1 to 18GHz
4
2.5
6
4
dB
dB
Vdc
DC voltage
Vd
Vg1
Vg2
+5
-0.3
+2
V
V
V
Id
Bias current
95
mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Min.
Max.
Unit
Vd
Drain to ground bias voltage
0
6.5
V
Id
Drain current
110
mA
Vg1
Gate to ground bias voltage
-1.5
0.3
V
Vg2
Gate to ground bias voltage
0
3
V
Pin
Maximun peak input power overdrive (2)
+15
dBm
Pin
Maximum input CW power
+10
dBm
Top
Operating temperature
-40
85
°C
Tstg
Storage temperature range
-55
125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage
(2) Duration < 1s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com