Electronic Components Datasheet Search
  English  ▼

X  

CMVDR2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMVDR2
Description  Conduit Waterfall
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMVDR2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMVDR2 Datasheet HTML 1Page - PANDUIT CORP. CMVDR2 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
All 4" EMT terminations with high performance communication cable
entering/exiting the conduit shall be fitted with a device to control the
bend radius of the communication cable to a minimum of a 4" radius.
The device to control the bend radius must comply with all National
Electrical Code requirements and TIA/EIA Standards. In addition, the
product must be RoHS compliant to meet environmental requirements,
be UL 94V-0 approved to reduce the spread of flame, and be approved
by UL for use in air handling spaces. The device to provide bend radius
control must support a static load of 40 lbs. (177.9 N) and have a
fastening device that allows for incremental adjustments to conform to
variances in conduit diameters.
Conduit Waterfall
Spe C ifi C a tion SH eet
applications
The Panduit conduit waterfall is designed for 4" EMT
conduit to cost-effectively manage sensitive network
cables in compliance with the TIA/EIA standards.
The conduit waterfall is suitable for use in air
handling spaces and areas requiring UL approvals.
The product allows for installation in retro-fit
applications where communication cables are
already installed. The conduit waterfall offers
innovative features that speed installation and is
part of the complete range of cable management
accessories available from Panduit.
key features and benefits
Complete bend
radius control
Helps prevent degradation of cable performance; prevents pinch points
that could cause damage to cable
UL 94V-0
approved material
Meets flame retardant specifications
UL 2043 approved
Suitable for use in air handling spaces in accordance with Section 300.22
(c) and (d) of the National Electrical Code
UL 1565 approved
Passes UL requirements for Positioning Devices
UL 514B approved
Passes UL requirements for Conduit, Tubing, and Fittings
Hinged design
Allows product to be completely opened for retro-fit applications
Captive nut
and thumb screw
Permits an easy and fast installation to reduce labor cost
Allows for incremental adjustments to conform to variances
in conduit diameters
Cable tie slots
Allow user to install 3/4" Tak-Ty ® Hook & Loop Cable Ties and provides a
method to retain and manage the cable bundle without over tensioning
Internal rib
Provides a positive stop for positioning the device securely to 4" EMT
conduit; protects network cable to maintain data integrity on the network
Holes in product collar
Provides a method to secure firestopping pillows within conduit
technical information
Material:
Glass Reinforced Flame Retardant Nylon 6.6
UL recognized:
File number E136577
Temperature range:
-40°F – 140°F (-40°C – 60°C)
RoHS compliance
Material is RoHS compliant per European Directive 2002/95/EC on the
Restriction of Hazardous Substances (RoHS)
Flammability:
Material passes UL94 standard, V-0 for flammability
Static load rating:
40 lbs. (177.9 N)
Conduit
compatibility:
4" EMT only
Bend radius
compliance:
4" minimum bend radius allowed
Packaging:
1 piece per package
Conduit Accessories
Conduit waterfall:
CWF400
Ladder Rack Accessories
Waterfall kit:
CMW-KIT
Double waterfall:
CMW2B
1.25" cable
rack spacer:
CRS4-125-X
0.8" cable
rack spacer:
CRS6-X
Horizontal J-Hook Pathways
3/4" hook for
wall mount:
JP75W-L20
3/4" hook with
drop wire clip:
JP75DW-L20
3/4" hook for
ceiling mount:
JP75CM-L20
3/4" hook with
screw-on
beam clamp:
JP75SBC50R-L20
1 5/16" hook for
wall mount:
JP131W-L20
1 5/16" hook with
drop wire clip:
JP131DW-L20
1 5/16" hook for
ceiling mount:
JP131CM-L20
1 5/16" hook with
screw on
beam clamp:
JP131SBC50R-L20
2" hook for
wall mount:
JP2W-L20
2" hook with
drop wire clip:
JP2DW-L20
2" hook for
ceiling mount:
JP2CM-L20
2" hook with
screw-on
beam clamp:
JP2SBC50R-L20
Cable Management Accessories
D-ring with
5.70"L x 2.00"W
outside dimensions: CMVDR1
D-ring with
3.30"L x 2.00"W
outside dimensions: CMVDR1S
D-ring with
5.70"L x 3.00"W
outside dimensions: CMVDR2
D-ring with
3.30"L x 3.00"W
outside dimensions: CMVDR2S
Adhesive backed
mount for
3/4" Tak-Ty ®
Hook & Loop
Cable Ties:
ABMT-A-C


Similar Part No. - CMVDR2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMVDR2 PANDUIT-CMVDR2 Datasheet
104Kb / 1P
Vertical D-Rings
CMVDR2 PANDUIT-CMVDR2 Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
CMVDR2S PANDUIT-CMVDR2S Datasheet
104Kb / 1P
Vertical D-Rings
CMVDR2S PANDUIT-CMVDR2S Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
More results

Similar Description - CMVDR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com