Electronic Components Datasheet Search
  English  ▼

X  

CMVDR2 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CMVDR2
Description  Conduit Waterfall
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMVDR2 Datasheet(HTML) 2 Page - PANDUIT CORP.

  CMVDR2 Datasheet HTML 1Page - PANDUIT CORP. CMVDR2 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2014 Panduit Corp.
All rights reserved.
WaSp43--WW-enG
replaces WW-WAsP02
9/2014
Conduit Waterfall
WOrldWide sUBsidiAries ANd sAles OFFiCes
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANdUit CANAdA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANdUit eUrOPe ltd.
london, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANdUit JAPAN
tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANdUit siNgAPOre Pte. ltd.
republic of singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANdUit AUstrAliA PtY. ltd.
victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANdUit lAtiN AMeriCA
guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
for more information
Dimensions are in inches. [Dimensions in brackets are metric.]
installation instructions
Hinged design allows
product to be
completely opened for
retrofit applications
Internal rib provides a
positive stop for
positioning and
protects network cable
Captive nut and thumb
screw permits an easy
and fast installation
5.67
[1.44]
(REF)
4.000 R
[101.6]
(REF)
8.54
[217.0]
(REF)
8.36
[212.3]
(REF)
4.28 Ø
[108.8]
(REF)
Thumb Screw
Threaded
Insert
Holes (TYP) to
secure firestopping
pillows within conduit
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CWF400
Provides bend radius control for cables entering/exiting 4" EMT conduit. Secure to conduit
without tools utilizing integral thumb screw and captive nut.
1
10
ordering information
dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com