Electronic Components Datasheet Search
  English  ▼

X  

1553DBKBAT Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1553DBKBAT
Description  ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1553DBKBAT Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1553DBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9/6/2021
ABS Plastic Hand Held Enclosures (1553 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1553
3/4
Part Number
Enclosure
Overmold
Overall Dimensions
Max. P.C. Board
Color
Color
Length
Width
Depth
Length
Width
1553CBK
Black
Gray
4.62
3.11
1.30
4.30
2.40
1553CGY
Grey
Gray
4.62
3.11
1.30
4.30
2.40
1553DBK
Black
Gray
5.80
3.50
0.98
5.48
2.65
1553DGY
Grey
Gray
5.80
3.50
0.98
5.48
2.65
1553DBKBK
Black
Black
5.80
3.50
0.98
5.48
2.65
1553DTBUBK
Trans Blue
Black
5.80
3.50
0.98
5.48
2.65
1553DRDBK
Red
Black
5.80
3.50
0.98
5.48
2.65
1553DYLBK
Yellow
Black
5.80
3.50
0.98
5.48
2.65
Dual End Panel
Part Number
Enclosure
Overmold
Overall Dimensions
Max. P.C. Board
Color
Color
Length
Width
Depth
Length
Width
1553BXBK
Black
Gray
4.62
3.11
0.95
4.30
2.40
1553BXGY
Grey
Gray
4.62
3.11
0.95
4.30
2.40
1553CXBK
Black
Gray
4.62
3.11
1.30
4.30
2.40
1553CXGY
Grey
Gray
4.62
3.11
1.30
4.30
2.40
1553DXBK
Black
Gray
5.80
3.50
0.98
5.48
2.65
1553DXGY
Grey
Gray
5.80
3.50
0.98
5.48
2.65
With Battery Doors & Compartments
Part Number
Enclosure
Overmold
Overall Dimensions
Max. P.C. Board
Color
Color
Length
Width
Depth
Length
Width
1553BBKBAT
Black
Gray
4.62
3.11
0.95
3.08
2.40
1553BGYBAT
Grey
Gray
4.62
3.11
0.95
3.08
2.40
1553BBKBKBAT
Black
Black
4.62
3.11
0.95
4.30
2.40
1553BTBUBKBAT
Trans Blue
Black
4.62
3.11
0.95
4.30
2.40
1553BRDBKBAT
Red
Black
4.62
3.11
0.95
4.30
2.40
1553BYLBKBAT
Yellow
Black
4.62
3.11
0.95
4.30
2.40
1553CBKBAT
Black
Gray
4.62
3.11
1.30
4.30
2.40
1553CGYBAT
Grey
Gray
4.62
3.11
1.30
4.30
2.40
1553DBKBAT
Black
Gray
5.80
3.50
0.98
4.20
2.65
1553DGYBAT
Grey
Gray
5.80
3.50
0.98
4.20
2.65
1553DBKBKBAT
Black
Black
5.80
3.50
0.98
4.20
2.65
1553DTBUBKBAT
Trans Blue
Black
5.80
3.50
0.98
4.20
2.65
1553DRDBKBAT
Red
Black
5.80
3.50
0.98
4.20
2.65
1553DYLBKBAT
Yellow
Black
5.80
3.50
0.98
4.20
2.65
Extra End Panels (10-packs)
Enclosure Size
Black
Gray
Red
Translucent Blue
Yellow
1553B
1553BPLBK-10
1553BPLGY-10
1553BPLRD-10
1553BPLTBU-10
1553BPLYL-10
1553C
1553CPLBK-10
1553CPLGY-10
1553D
1553DPLBK-10
1553DPLGY-10
1553DPLRD-10
1553DPLTBU-10
1553DPLYL-10
Extra Battery Doors (5-packs)
Enclosure Size
Black
Gray
Red
Translucent Blue
Yellow
All 1553's with
battery doors
53BATDOORBK-
5
53BATDOORGY-
5
53BATDOORRD-
5
53BATDOORTBU-
5
53BATDOORYL-
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com