Electronic Components Datasheet Search
  English  ▼

X  

1553DBKBAT Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1553DBKBAT
Description  ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1553DBKBAT Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1553DBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9/6/2021
ABS Plastic Hand Held Enclosures (1553 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1553
1/4
Perfect for handheld use.
Battery version comes with clips for AA for 9V.
ABS Plastic Hand Held Enclosures 1553 Series
Soft Sided, Ergonomic Comfort, Battery Compartments
Key Features:
Ergonomically designed for hand-held comfort.
Choice of five sizes and six color combinations.
All sizes except 1553A available with or without battery compartment.
Molded in general purpose ABS plastic with a soft, plastic overmold for comfortable grip.
Top cover is recessed for membrane display or keypad.
P.C. board standoffs are molded into case (see drawings or photos for more details).
Includes removable front panel (for easy modifications) and assembly hardware (except
for smallest 1553A units).
Battery door & compartment version includes 4 battery clips (for 2 - AA batteries) and a 9
volt (PP3) battery clip.
Gray 1553 series enclosures include nickel plated screws. All other colors use black
screws. Refer to product datasheets for correct part numbers.
P.C. Board mounting screws are not included. Order part number 1593ATS50 (pack of
50) or 1593ATS100 (pack of 100).
For similar enclosures designed for water-tight applications, try series 1553W
Photo Features:
Additional Color Combinations Available
Quality Products. Service Excellence.


Similar Part No. - 1553DBKBAT

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
1553DBKBAT BUSBOARD-1553DBKBAT Datasheet
2Mb / 6P
A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Hammond Manufacturing L...
1553DBKBAT HAMMOND-1553DBKBAT Datasheet
844Kb / 3P
ABS Plastic Hand Held Enclosures Soft Sided, Ergonomic Comfort, Battery Compartments
12/9/2018
More results

Similar Description - 1553DBKBAT

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3660-B BUD-HP-3660-B Datasheet
225Kb / 2P
HAND HELD PLASTIC STYLE 3
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
HAND HELD PLASTIC STYLE 2
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
Bud Industries, Inc.
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
HAND-HELD PLASTIC BOX (STYLE 1)
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com