Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM2889
Description  LTM2889 Isolated CAN μModule Transceiver Plus Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 6 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1903af
DEMO MANUAL DC1903A
parts list
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
U1
-A
-B
IC, LTM2889CY-3
IC, LTM2889CY-5
LINEAR LTM2889CY-3#PBF
LINEAR LTM2889CY-5#PBF
Hardware: For Demo Board Only
1
1
C1, C5
CAP, TANT 10μF 10V 20% TAJA
AVX TAJA106M010RNJ
2
1
C2
CAP, CER 1μF 10V 20% 0508
MURATA LLL219R71A105MA01L
3
2
C3, C4
CAP, CER 470pF 250VAC 10% 1808
MURATA GA342QR7GF471KW01L
4
1
J1
0.1” DOUBLE ROW HEADER, 5 × 2 PIN
SAMTEC TSW-105-22-G-D
5
1
J1
0.1” FERRITE PLATE, 5 × 2 HOLE
FAIR RITE 2644247101
6
1
J2
CON, DSUB 9 PIN FEMALE
SINGATRON DR-E9SB-NJ000-S0007
7
6
JP1, JP2, JP3, JP4, JP5,
JP6
HEADER, 2mm, 1 × 3 PIN
WURTH 62000311121
8
1
JP7
HEADER, 0.1”, 2 × 3 PIN
WURTH 61300621121
9
6
JP1, JP2, JP3, JP4, JP5,
JP6
SHUNT, 2mm
WURTH 60800213421
10
1
JP7
SHUNT, 0.1”, 2 × 2
WURTH 60910213421
11
1
R1
RESISTOR, 10kΩ 1% 0805 1/10W
VISHAY CRCW080510K0FKEA
12
2
R2, R3
RESISTOR, 60.4Ω 1% 0805 1/10W
VISHAY CRCW080560R4FKEA
13
1
R4
RESISTOR, 56.2kΩ 1% 0805 1/10W
VISHAY CRCW080556K2FKEA
14
1
R5
RESISTOR, 13kΩ 1% 0805 1/10W
VISHAY CRCW080513K0FKEA
15
1
RV1
POTENTIOMETER, 100kΩ, SMT
VISHAY TS63Y104KR10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com