Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2889
Description  LTM2889 Isolated CAN μModule Transceiver Plus Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 1 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1903af
DEMO MANUAL DC1903A
Description
LTM2889
Isolated CAN µModule
Transceiver Plus Power
Demonstration circuit 1903A is an isolated CAN μModule®
transceiver plus power featuring the LTM®2889. The demo
circuit features an EMI optimized circuit configuration and
printed circuit board layout. All components are integrated
into the μModule isolator. The demo circuit operates from
a single supply on VCC. The part generates an isolated
L
, LT, LTC, LTM, Linear Technology, µModule, and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
operating principles
output voltage on VCC2 and communicates all necessary
signalingacrosstheisolationbarrierthroughLTC’sisolator
µModule technology.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1903A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Range
LTM2889-3
3.0
3.3
3.6
V
LTM2889-5
4.5
5.0
5.5
V
VCC2
Regulated Output Voltage
ILOAD = 100mA, LTM2889-3
ILOAD = 150mA, LTM2889-5
4.75
5
5.25
V
fMAX
Maximum Data Rate
4
Mbps
VIORM
Maximum Working Insulation Voltage
GND to GND2
560
VDC
400
VRMS
Common Mode Transient Immunity
30
kV/µs
The LTM2889 contains an isolated DC/DC converter that
delivers power to VCC2 at 5V from the input supply VCC.
IsolationismaintainedbytheseparationofGNDandGND2
where significant operating voltages and transients can
exist without affecting the operation of the LTM2889. The
logic side ON pin enables or shuts down the LTM2889.
All logic side signals are referenced to the logic supply
pin VL, connected to the input supply voltage VCC. The
LTM2889 is available with two input voltage ranges, 3V
to 3.6V (LTM2889-3) or 4.5V to 5.5V (LTM2889-5). The
isolated side and CAN interface is capable of operating at
3.3V. The VCC2 voltage is jumper selectable for either 5V
or 3.3V operation.
CAN signaling is controlled by the logic input TXD and
the silent pin S. RE controls the RXD output. Connection
to the transceiver pins (CANL and CANH) allows for half-
duplex communication on the isolated side of the demo
circuit. Termination resistors are included on the demo
circuit, with support for split termination to reduce com-
mon mode perturbations.
Data on the TXD input is transmitted differentially on
CANH-CANL when the silent pin (S) is low. Differential
data received on CANH-CANL is delivered at the RXD
output when RE is low. The CAN driver features adjust-
able slew rate via RV1 connected to the RS pin. A jumper
easily allows selection between a fixed fast slew rate and
adjustable rate.


Similar Part No. - LTM2889

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2889 LINER-LTM2889 Datasheet
998Kb / 30P
Isolated CAN FD 關Module Transceiver and Power
logo
Analog Devices
LTM2889 AD-LTM2889 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2889 AD-LTM2889 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2889 AD-LTM2889 Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
LTM2889 AD-LTM2889 Datasheet
198Kb / 6P
LTC6820 isoSPI/Isolated CAN Arduino Shield
REV. 4 10-10-17
More results

Similar Description - LTM2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1050 TI-ISO1050 Datasheet
768Kb / 21P
ISOLATED CAN TRANSCEIVER
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
logo
Analog Devices
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
logo
Texas Instruments
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Analog Devices
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com