Electronic Components Datasheet Search
  English  ▼

X  

GP2W0004YP Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2W0004YP
Description  IrDA Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0004YP Datasheet(HTML) 3 Page - Sharp Corporation

  GP2W0004YP Datasheet HTML 1Page - Sharp Corporation GP2W0004YP Datasheet HTML 2Page - Sharp Corporation GP2W0004YP Datasheet HTML 3Page - Sharp Corporation GP2W0004YP Datasheet HTML 4Page - Sharp Corporation GP2W0004YP Datasheet HTML 5Page - Sharp Corporation GP2W0004YP Datasheet HTML 6Page - Sharp Corporation GP2W0004YP Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GP2W0004YP
1
2
3
4
6
5
CX2
TX
SD
RXD
GND
VCC
RL
+
CX1
1
2
3
4
5
6
LEDA
TXD
RXD
SD
VCC
GND
Components circuit
Recommend values
CX1
*22
µF
CX2
*0.1
µF
2.4
≤VLED≤3.6V
3.5
≤VLED≤4.8V
4.5
≤VLED≤5.5V
RL
(Table1)
Table1
* Please choose the most suitable CX1 and CX2 according to the
noise level and noise frequency of power supply.
VLED
0
Ω±5%, 0.5W
1.3
Ω±5%, 0.5W
2.7
Ω±5%, 0.5W
RL
Fig.1
Recommended External Circuit
T
01
3T/16
01
01
0
1
T
Transmitting data
Encoder output
GP2W0004YP output
Receiving data
1
2
4
5
3
Optical signal
T
=
1
Transfer rate
Transfer rate ; 2.4kb/s,9.6kb/s,19.2kb/s,38.4kb/s,57.6kb/s,115.2kb/s
Fig.2
Example of Signal Waveform



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com