Electronic Components Datasheet Search
  English  ▼

X  

GP2W0004YP Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2W0004YP
Description  IrDA Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0004YP Datasheet(HTML) 4 Page - Sharp Corporation

  GP2W0004YP Datasheet HTML 1Page - Sharp Corporation GP2W0004YP Datasheet HTML 2Page - Sharp Corporation GP2W0004YP Datasheet HTML 3Page - Sharp Corporation GP2W0004YP Datasheet HTML 4Page - Sharp Corporation GP2W0004YP Datasheet HTML 5Page - Sharp Corporation GP2W0004YP Datasheet HTML 6Page - Sharp Corporation GP2W0004YP Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GP2W0004YP
T2
T1
T1
Transmitter radiant intensity
40mW/sr
At BR=9.6kb/s:T1
=104.2µs, T2=19.5µs
At BR=115.2kb/s:T1
=8.68µs, T2=1.63µs
Fig.3
Input Signal Waveforrm(Receiver side)
tf
tw
tr
90%
50%
10%
VOH
VOL
Transmitter
*
L
φ
φ
Ee : Light detector face illuminance
<10 lx
φ : Indicates horizontal and vertical directions.
GP2W0004YP
Oscilloscope
* Transmitter shall use GP2W0004YP (
λp=870nm TYP.) which is
adjusted the radiation intensity at 40mW/sr
Fig.4
Output Waveform Specification
(Receiver side)
Fig.5
Standard Optical System
(Receiver side)
tf
tr
90%
10%
IE
Fig.6
Output Waveform Specification(Transmitter side)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com