Electronic Components Datasheet Search
  English  ▼

X  

FXC.35.B Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXC.35.B
Description  FXC.35.B Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.35.B Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXC.35.B Datasheet HTML 1Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 2Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 3Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 4Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 5Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 6Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 7Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 8Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SPE-24-8-102-A
www.taoglas.com
The Taoglas FXR and FXC series of high-performance NFC (Near Field Communications) antennas are ideal
for IoT and mobile devices and applications such as contactless payment systems, access control or RFID
systems. The compact, flexible NFC antennas are supplied with adhesive backing for quick and easy
installation and can be mounted inside a plastic device enclosure or on an internal battery. For any NFC
antennas attached to a battery, we offer variants with ferrite flux directors to provide isolation from the
battery or other electronic components within the device. Using the antenna on a conductive surface without
a ferrite layer could result in a lossy antenna and communication performance issues.
Taking into consideration the many environments that the antenna could be used in, Taoglas offers five
versions of each of the FXR and FXC series models. A standard model without ferrite and adhesive backing,
two models with adhesive backing and a ferrite layer, one layer facing up, one down and a third model, again
with ferrite facing up or down and with an a 75mm Twisted Pair 28AWG cable with ACH(F) connector
compatible with ACH(M).
Typical Applications Include:
•
Mobile Devices
•
Wearable Smart Devices
•
Payment Terminals
•
Device tracking and ID systems
•
Access control
To further optimization your specific device environments and for support on how to integrate and test this
antenna’s performance in your device, contact your regional Taoglas Customer Services Team.
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com