Electronic Components Datasheet Search
  English  ▼

X  

FXC.35.B Datasheet(PDF) 12 Page - Taoglas antenna solutions

Part # FXC.35.B
Description  FXC.35.B Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.35.B Datasheet(HTML) 12 Page - Taoglas antenna solutions

Back Button FXC.35.B Datasheet HTML 6Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 7Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 8Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 9Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 10Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 11Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 12Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 13Page - Taoglas antenna solutions FXC.35.B Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
SPE-24-8-102-A
www.taoglas.com
10 pcs / Small PE Bag
PE bag: 100 x 200mm
SPQ Label
Weight:
FXC.35.B.dg – 9.4g
FXC.35.52.0075X.B.dg – 11.2g
1000 PCS / Carton
Carton: 230 x 175 x 160mm
Carton Label
Weight:
FXC.35.B.dg – 1211g
FXC.35.52.0075X.B.dg – 1391g
5.
Packaging
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging
7.
Application Note
7.
Application Note6. Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com