Electronic Components Datasheet Search
  English  ▼

X  

CHA5051 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA5051
Description  7-16GHz Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5051 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA5051 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CHA5051
7-16GHz Medium Power Amplifier
Ref. : DSCHA50517152 - 01 Jun 07
2/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Electrical Characteristics
Tamb.=25°C, Vd=4.5V Id=310mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
7
16
GHz
G
Small signal gain
25
dB
P1dB
Pulsed output power at 1dB compression
25
dBm
P03
Output power at 3dB gain compression
26
dBm
NF
Noise Figure
3
dB
VSWRin
Input VSWR
2.5:1
VSWRout
Output VSWR
2:1
IP3
Output IP3
from 7 to 13GHz
from 14 to 16GHz
33
29
dBm
Vd
DC voltage
4.5
V
Id
Bias current
310
mA
These values are representative for on-wafer measurements that are made without bonding wires at
the RF ports.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum Drain bias voltage
+5
V
Id
Drain bias current with Vd=4.5V
390
mA
Vg
Gate bias voltage
-2 to +0.4
V
Pin
Maximum input power overdrive (2)
+10
dBm
Tch
Maximum channel temperature
+175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com