Electronic Components Datasheet Search
  English  ▼

X  

CHA5051 Datasheet(PDF) 13 Page - United Monolithic Semiconductors

Part # CHA5051
Description  7-16GHz Medium Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5051 Datasheet(HTML) 13 Page - United Monolithic Semiconductors

Back Button CHA5051 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 8Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 9Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 10Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 11Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 12Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 13Page - United Monolithic Semiconductors CHA5051 Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
7-16GHz Medium Power Amplifier
CHA5051
Ref: : DSCHA50517152 - 01 Jun 07
13/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Chip Assembly and Mechanical Data
Note
: 25µm diameter gold wire is to be prefered.
DC Pad size : 100/100µm .
RF wire bondings should be as short as possible, lower than 0.35mm.
Chip thickness : 100µm.
10nF
120pF
To Vd DC Drain supply
To Vg DC Gate supply
10nF
120pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com